Electronic Components Datasheet Search
  English  ▼

X  

ZL30260 Datasheet(PDF) 49 Page - Microchip Technology

Part # ZL30260
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30260 Datasheet(HTML) 49 Page - Microchip Technology

Back Button ZL30260 Datasheet HTML 45Page - Microchip Technology ZL30260 Datasheet HTML 46Page - Microchip Technology ZL30260 Datasheet HTML 47Page - Microchip Technology ZL30260 Datasheet HTML 48Page - Microchip Technology ZL30260 Datasheet HTML 49Page - Microchip Technology ZL30260 Datasheet HTML 50Page - Microchip Technology ZL30260 Datasheet HTML 51Page - Microchip Technology ZL30260 Datasheet HTML 52Page - Microchip Technology ZL30260 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
ZL30260-ZL30263
Data Sheet
49
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
XASR
Register Description:
XA Input Status Register
Register Address:
4Ch
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
XAVIE
XAVL
XAV
—
Default
0
0
0
0
0
0
0
0
The fields in the register are the same as the fields in the ICxSR registers except they apply to the XA input.
Register Name:
ICxSR
Register Description:
Input Clock Status Register
Register Address:
IC1: 4Dh, IC2: 4Eh, IC3: 4Fh
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
ICVIE
ICVL
ICV
—
Default
0
0
0
0
0
0
0
0
Bit 3: Input Clock Valid Interrupt Enable (ICVIE). This bit enables the ICxSR.ICVL latched status bit to send an
interrupt request into device’s interrupt logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 2: Input Clock Valid Latched (ICVL). This latched status bit is set to 1 when the ICxSR.ICV status bit changes
state (set or cleared). This bit is cleared when written with a 1 and not set again until the ICxSR.ICV bit changes state
again. This bit can be the source of an interrupt request. See section 5.5.2.
0 = ICxSR.ICV bit has not changed state since last cleared
1 = ICxSR.ICV bit has changed state since last cleared
Bit 1: Input Clock Valid (ICV). This real-time status bit is high when the input clock monitor indicates the input is
valid. See section 5.5.2.
0 = The input clock is not valid
1 = The input clock is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com