Electronic Components Datasheet Search
  English  ▼

X  

ICS477R-05ILFT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS477R-05ILFT
Description  Quad PLL with VCXO for HDTV
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS477R-05ILFT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS477R-05ILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 6Page - Integrated Circuit Systems ICS477R-05ILFT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Quad PLL with VCXO for HDTV
MDS 477-05 H
2
Revision 062404
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS477-05
Pin Assignment
Pin Descriptions
17
16
9
15
GN D
12
13
14
GN D
NC
NC
27M
N C
27M
20
74.175M
18
11
GN D
54.054M
GN D
54M
19
10
28 p in (1 50 m il) S S O P
82 1
7
GN D
GN D
G N D
22
V D D
5
VD D
VD D
V D D
24
V D D
23
6
42 5
3
GN D
VIN
G N D
26
P D T S
1
X1
GN D
V D D
28
X 2
27
2
Pin
Number
Pin
Name
Pin Type
Pin Description
1
XI
Input
Crystal connection. Connect to a 27 MHz fundamental mode pullable crystal.
2
GND
Power
Connect to ground.
3
GND
Power
Connect to ground.
4
VIN
Input
VCXO Voltage input. Zero to 3.3 V analog control voltage for VCXO.
5, 6, 22, 23,
24, 27
VDD
Power
Connect to +3.3 V.
7, 8, 9, 10, 19,
20, 21
GND
Power
Connect to ground.
11
54.054M
Output
54.054 MHz clock output. Weak internal pull-down when tri-state.
12, 13, 17
NC
-
No connect. Do not connect anything to these pins.
14
74.175M
Output
74.175 MHz clock output. Weak internal pull-down when tri-state.
15, 16
27M
Output
27 MHz reference clock output. Weak internal pull-down when tri-state.
18
54M
Output
54 MHz clock output. Weak internal pull-down when tri-state.
25
GND
Power
Connect to ground.
26
PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. Internal pull-up.
28
X2
Input
Crystal connection. Connect to a 27 MHz fundamental mode pullable crystal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com