Electronic Components Datasheet Search
  English  ▼

X  

MAX86916 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX86916
Description  Integrated Optical Sensor Module for Mobile Health
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86916 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX86916 Datasheet HTML 1Page - Maxim Integrated Products MAX86916 Datasheet HTML 2Page - Maxim Integrated Products MAX86916 Datasheet HTML 3Page - Maxim Integrated Products MAX86916 Datasheet HTML 4Page - Maxim Integrated Products MAX86916 Datasheet HTML 5Page - Maxim Integrated Products MAX86916 Datasheet HTML 6Page - Maxim Integrated Products MAX86916 Datasheet HTML 7Page - Maxim Integrated Products MAX86916 Datasheet HTML 8Page - Maxim Integrated Products MAX86916 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
(VDD = 1.8V, VLED = 5V, LED_PW = 70μs, SR = 1000sps, ADC_RGE = 32μA, LEDx_RGE = 50mA, TA = +25°C, min/max are from
TA = -40°C to +85°C, unless otherwise noted, Note 1).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNITS
ADC Count - PSRR (VLED)
(Note 2)
PSRRVLED
Propriety ATE setup,
LEDx_RGE = 100mA,
LEDx_PA = 0xFF
For IR/RED
3.5V < VLED+ < 5.5V
0.05
1
% of FS
For Green/Blue
4.5V < VLED+ < 5.5V
0.05
1
LEDx_RGE = 150mA,
LED_PW = 120μs,
ADC = 16µA
Frequency = DC to 100kHz,
100mVP-P
40
LSB
Max. DC Ambient Light Rejection
ALR
16 KLUX(QTH Lamp) directly on sensor, TA = +25°C
200
uA
CROSSTALK CANCELLATION DAC
Crosstalk Cancellation Range
XTALK
RANGE
0
1/2
ADC
FS
uA
Crosstalk Cancellation
Resolution
XTALK
RES
5
bit
Maximum Crosstalk
Cancellation Counts
XTALK
COUNTS
XTALK_CANCEL = 0x1F, LED_PW = 120μs, ADC_
RGE = 16μA, LEDx_RGE = 150mA, LED1_PA =
0x70 LED2_PA = 0x80, LED3_PA = 0xF0, LED4_
PA = 0xD0
-5%
253,
952
+5% Counts
Maximum Crosstalk Noise
Contribution
XTALK
NOISE
LED_PW = 120μs, SR = 400 sps, ADC_RGE =
16μA, LEDx_RGE = 150mA
0.3
dB
LED DRIVERS
Maximum LED Drive Current
and Headroom Voltage
ILED,
VLED_head-
room
LEDx_RGE<1:0> = 00
50,
0.15
mA, V
LEDx_RGE<1:0> = 01
100,
0.3
LEDx_RGE<1:0> = 10
150,
0.44
LED Current Resolution
8
Bits
LED Pulse Width
INT
LED_PW<1:0> = 0x00
70
μs
LED_PW<1:0> = 0x01
120
LED_PW<1:0> = 0x10
220
LED_PW<1:0> = 0x11
420
IR LED CHARACTERISTICS (Note 3)
Centroid Wavelength
λcentroid IF = 100mA, tp = 10ms, TA = +25°C
930
955
nm
Forward Voltage
VF
IF = 100mA, tp = 10 ms, TA = +25°C
1.6
1.8
V
Radiant Power
Φe
IF = 100mA, TA = +25°C
60
mW
Maximum Forward Current
TA = +25°C
100
mA
Maximum Junction Temperature
TJ
125
°C
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX86916
Integrated Optical Sensor Module for Mobile Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com