Electronic Components Datasheet Search
  English  ▼

X  

MAX77756 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77756
Description  Emulates System Loading
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77756 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77756 Datasheet HTML 1Page - Maxim Integrated Products MAX77756 Datasheet HTML 2Page - Maxim Integrated Products MAX77756 Datasheet HTML 3Page - Maxim Integrated Products MAX77756 Datasheet HTML 4Page - Maxim Integrated Products MAX77756 Datasheet HTML 5Page - Maxim Integrated Products MAX77756 Datasheet HTML 6Page - Maxim Integrated Products MAX77756 Datasheet HTML 7Page - Maxim Integrated Products MAX77756 Datasheet HTML 8Page - Maxim Integrated Products MAX77756 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77756
MAX77756 Evaluation Kit
Quick Start
Required Equipment
● MAX77756 EV kit
● Windows-based PC
● Power supply
● Ammeter
● Digital voltmeter (DVM)
● Micro-USB cable
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Visit
www.maximintegrated.com/evkitsoftware to
download and install the latest version of the EV kit
GUI software. Save the EV kit software to your local
MAX77756 folder and uncompress the ZIP file. Run
the .EXE file that was uncompressed and follow the
on-screen instructions to complete installation.
2) Install the EV kit shunts per Table 1.
3) Apply a power supply set to 0V (100mA current limit)
through an ammeter (10mA range) across the SUP
and GND2 terminals of the EV kit. Turn the supply on
and increase the voltage to 12V. To avoid excessive in-
rush current into the input capacitors of the EV kit, do
not connect a precharged power supply to the input.
See the Input Slew-Rate Limiting section for more in-
formation.
4) Connect a Micro-B USB cable between the EV kit’s
J103 and your Windows-based PC.
5) Open the GUI and press the
Device button in the
menu bar. Press the
Connect button in the Device
button’s drop-down list. Wait for the device to re-
spond, and in the
Synchronize window, press the
Read and close button.
6) Confirm with the ammeter that the quiescent current
is approximately 1.5µA.
7) Confirm with DVM that output voltage is 3.3V.
This concludes the Quick Start procedure. Users are
encouraged to explore the device and its register set-
tings with the GUI. During general device evaluation, set
the ammeter range to ≥ 1A to minimize the impact of its
series resistance. For more information on the GUI, see
the Detailed Description of Software section.
Figure 3. MAX77756 EV Kit PCB—Top View Solution Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com