Electronic Components Datasheet Search
  English  ▼

X  

MAX77752 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77752
Description  Proven PCB Reference Design and Layout
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77752 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77752 Datasheet HTML 1Page - Maxim Integrated Products MAX77752 Datasheet HTML 2Page - Maxim Integrated Products MAX77752 Datasheet HTML 3Page - Maxim Integrated Products MAX77752 Datasheet HTML 4Page - Maxim Integrated Products MAX77752 Datasheet HTML 5Page - Maxim Integrated Products MAX77752 Datasheet HTML 6Page - Maxim Integrated Products MAX77752 Datasheet HTML 7Page - Maxim Integrated Products MAX77752 Datasheet HTML 8Page - Maxim Integrated Products MAX77752 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Evaluates: MAX77752
MAX77752 Evaluation Kit
Click
here for production status of specific part numbers.
General Description
The MAX77752 evaluation kit (EV kit) is a fully assembled
and tested printed circuit board (PCB) that demonstrates
the highly integrated MAX77752 PMIC. The MAX77752
comprises three buck converters, a low dropout linear
regulator, two external regulators enable outputs, two
dedicated load switch controllers, and an inrush-current
limiter which can be configured as a third load switch
controller using OTP.
The EV kit also includes a MAXQ2000 microcontroller
command module that provides the I2C interface to
control power sequence, inrush current, individual output
on/off, and setting regulator output voltage.
The MAX77752 evaluation software is provided for easy
evaluation.
Benefits and Features
● USB to I2C Converter Allows for Easy
Communication
● Level Translator (MAX3395) Allows for Adjusting
I2C Bus Voltage from 1.8V to 3.3V
● On-Board Electronics Load Allows for Easy
Evaluation
• GUI Allows Static/Dynamic Load Adjustment for
Buck Converters, LDO, LSWs, and SYS
• MOSFET can be Driven by External Function
Generator to Evaluate Transient Performance for
Each Regulator
● Proven PCB Reference Design and Layout
● Fully Assembled and Tested
319-100088; Rev 0; 10/17
Ordering Information appears at end of data sheet.
Figure 1. MAX77752 EV Kit Photo


Similar Part No. - MAX77752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
More results

Similar Description - MAX77752

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77324 MAXIM-MAX77324 Datasheet
880Kb / 7P
Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX2181EVKIT MAXIM-MAX2181EVKIT Datasheet
523Kb / 7P
Proven PCB Layout
Rev 0; 12/13
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX14566EEVKIT MAXIM-MAX14566EEVKIT Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
MAX77831WEVKIT MAXIM-MAX77831WEVKIT Datasheet
2Mb / 18P
Proven PCB Reference Design and Layout Benefit
Rev 0; 9/20
MAX77503AEVKIT MAXIM-MAX77503AEVKIT Datasheet
3Mb / 26P
Proven PCB Reference Design and Layout
Rev 1; 2/19
MAX20078EVKIT MAXIM-MAX20078EVKIT Datasheet
753Kb / 9P
Proven PCB Layout and Thermal Design
Rev 0; 3/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com