Electronic Components Datasheet Search
  English  ▼

X  

MAX77597 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77597
Description  Simple Two-Layer Board Serves as a Reference Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77597 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77597 Datasheet HTML 1Page - Maxim Integrated Products MAX77597 Datasheet HTML 2Page - Maxim Integrated Products MAX77597 Datasheet HTML 3Page - Maxim Integrated Products MAX77597 Datasheet HTML 4Page - Maxim Integrated Products MAX77597 Datasheet HTML 5Page - Maxim Integrated Products MAX77597 Datasheet HTML 6Page - Maxim Integrated Products MAX77597 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Evaluates: MAX77597
MAX77597 Evaluation Kit
General Description
The MAX77597 evaluation kit (EV kit) demonstrates the
MAX77597 synchronous step-down converter IC with
integrated switches. The EV kit operates over a wide
input range of 3.5V to 36V and can support loads up to
300mA. The EV kit comes standard with the 3.3V fixed
output voltage version of the IC. It can be easily modified
to evaluate the 5V fixed output version or the adjustable
output voltage version.
The EV kit includes jumpers to enable or disable the
device, as well as to select either forced-PWM mode
(FPWM) or skip-mode operation. A RESETB test point is
available to monitor the voltage quality of the converter’s
output.
Features
● Evaluates Both Fixed-Output and Adjustable-Output
Versions (3.3V Version Is Preinstalled)
● 3.5V to 36V Input Voltage Range
● 300mA Maximum Load
● Demonstrates 1.1µA Quiescent Current at 14V Input
● RESET Output Test Point
● Simple Two-Layer Board Serves as a Reference
Design
● Proven PCB Layout
● Fully Assembled and Tested
319-100607; Rev 0; 10/20
Ordering Information appears at end of data sheet.
Click
here to ask about the production status of specific part numbers.
MAX77597 EV Kit bird’s eye view


Similar Part No. - MAX77597

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77597 MAXIM-MAX77597 Datasheet
1Mb / 15P
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20
MAX77597ETBB MAXIM-MAX77597ETBB Datasheet
1Mb / 15P
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20
More results

Similar Description - MAX77597

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
Evaluation Board Reference Design integrates a boost converter
logo
Freescale Semiconductor...
P1020RDB-PB FREESCALE-P1020RDB-PB Datasheet
585Kb / 2P
P1020/P1011 Reference Design Board
P1022DS-PB FREESCALE-P1022DS-PB Datasheet
468Kb / 2P
P1020/P1011 Reference Design Board
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
Evaluation Board Reference Design
logo
STMicroelectronics
AN2242 STMICROELECTRONICS-AN2242 Datasheet
571Kb / 31P
This document describes a reference design
05-Dec-2005
AN2141 STMICROELECTRONICS-AN2141 Datasheet
310Kb / 18P
LED array reference design board
22-Jan-2008
logo
Freescale Semiconductor...
T1024 FREESCALE-T1024 Datasheet
549Kb / 49P
QorIQ T1024 Reference Design Board
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
QorIQ LS1043A Reference Design Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com