Electronic Components Datasheet Search
  English  ▼

X  

MAX77504 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77504
Description  Sense Points for High-Accuracy Measurements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77504 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77504 Datasheet HTML 1Page - Maxim Integrated Products MAX77504 Datasheet HTML 2Page - Maxim Integrated Products MAX77504 Datasheet HTML 3Page - Maxim Integrated Products MAX77504 Datasheet HTML 4Page - Maxim Integrated Products MAX77504 Datasheet HTML 5Page - Maxim Integrated Products MAX77504 Datasheet HTML 6Page - Maxim Integrated Products MAX77504 Datasheet HTML 7Page - Maxim Integrated Products MAX77504 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX77504
(MAX77504AAWE+/MAX77504BAWE+)
MAX77504 WLP Evaluation Kit
General Description
The MAX77504 evaluation kit (EV kit) provides a proven
design to evaluate the MAX77504, a 3A high-efficiency
buck converter. The IC is capable of 2.6V to 14V input
and is output voltage configurable between 0.6V to 6V.
The factory default output voltage of this EV kit is set at
3.3V. Output voltage can be configured by changing the
feedback resistor values (R3 and R4). Two GPIO pins are
available to support Force PWM and EN function.
319-100465; Rev 0; 11/19
Ordering Information appears at end of data sheet.
Features and Default Settings
● Sense Points for High-Accuracy Measurements
● Accessible Test Points for EN, POK, FPWM, and
OUTS
● Switching Frequency Configurable Between 500kHz
to 1.5MHz Through SEL
● FPWM and Skip Mode Configurable (Skip Mode
Default)
● UVLO Rising = 2.6V, UVLO Falling = 2.4V
SPECIFICATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
2.6
14
V
Output Voltage
0.6
6
V
Default Output Voltage
R3 = 49.9kΩ, R4 = 11.1kΩ
3.3
V
Output Current
0
3
A
Peak Efficiency
3.7VIN, 3.3VOUT, 300mA load
97.6
%
INPUT/OUTPUT
SENSE PINS
MAX77504
SOLUTION
MAX77504
SOLUTION
SILKSCREEN
OUTPUT
TERMINALS
RSEL
CONFIGURATION
SKIP/FPWM
CONFIGURATION
INPUT SUPPLY
TERMINALS
MAX77504 Evaluation Board
Click
here for production status of specific part numbers.


Similar Part No. - MAX77504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77504 MAXIM-MAX77504 Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
MAX77504AAFC+T MAXIM-MAX77504AAFC+T Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
MAX77504AAWE+T MAXIM-MAX77504AAWE+T Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
MAX77504BAWE+T MAXIM-MAX77504BAWE+T Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
More results

Similar Description - MAX77504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVT-DINAV5AD01X ETC2-CVT-DINAV5AD01X Datasheet
59Kb / 2P
Compact Transducer for AC Measurements
logo
Analog Devices
CN-0217 AD-CN-0217 Datasheet
200Kb / 6P
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
logo
National Instruments Co...
NI9237 NI-NI9237 Datasheet
240Kb / 8P
High-Speed Bridge Module for Load/Pressure/Strain/Torque Measurements
logo
Maxim Integrated Produc...
MAX14550EEVKIT MAXIM-MAX14550EEVKIT Datasheet
1,008Kb / 6P
Test Points for Easy Evaluation
Rev 0; 9/09
MAX77839WEVKIT MAXIM-MAX77839WEVKIT Datasheet
853Kb / 10P
Sense Points for High-Accuracy Measurements
Rev 0; 12/20
MAX77324EVKIT MAXIM-MAX77324EVKIT Datasheet
880Kb / 7P
Sense Points for High-Accuracy Measurements
Rev 0; 5/18
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-PD60PPS COOLGEAR-CG-PD60PPS Datasheet
314Kb / 2P
Basic Measurements Mounting Holes Detailed Port Measurements
3/25/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
USB2-8COMI-SI-TB COOLGEAR-USB2-8COMI-SI-TB Datasheet
427Kb / 3P
Basic Measurements
8/20/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com