Electronic Components Datasheet Search
  English  ▼

X  

MAX77503 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77503
Description  Proven PCB Reference Design and Layout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77503 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77503 Datasheet HTML 1Page - Maxim Integrated Products MAX77503 Datasheet HTML 2Page - Maxim Integrated Products MAX77503 Datasheet HTML 3Page - Maxim Integrated Products MAX77503 Datasheet HTML 4Page - Maxim Integrated Products MAX77503 Datasheet HTML 5Page - Maxim Integrated Products MAX77503 Datasheet HTML 6Page - Maxim Integrated Products MAX77503 Datasheet HTML 7Page - Maxim Integrated Products MAX77503 Datasheet HTML 8Page - Maxim Integrated Products MAX77503 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Evaluates: MAX77503
MAX77503 Evaluation Kit
General Description
The MAX77503 evaluation kit (EV kit) is a fully assem-
bled and tested PCB that demonstrates the MAX77503
synchronous step-down (buck) converter. The EV kit is a
step-down voltage regulator circuit using MAX77503 that
is capable of 3V to 14V input, 1.5A continuous load, and
output voltage adjustable between 0.8V and 5V (internal
feedback options) or 1.55V and 99% of the input voltage
(external feedback option).
The EV kit features a dual-range electronic load that
allows easy evaluation of loading use cases for the buck
converter circuit. Steady-state, transient, or random load
profiles can be programmed.
A USB-to-I2C translator circuit allows a Windows®-based
PC to run a graphical user interface (GUI) for easy
control of the MAX77503 registers as well as the on-board
electronic load.
319-100248; Rev 1; 2/19
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark of Microsoft Corporation.
Benefits and Features
● Proven PCB Reference Design and Layout
● Easy to Use
• Simple Hardware Control: Jumpers and Test Points
for EN, BIASEN, and POK
• GUI Drives I2C Interface for Optional Software
Control
• Fully Assembled and Tested
● USB to I2C Converter Allows for Easy
Communication
• Windows-Based Software GUI Controls Registers
• Level Translator (MAX3395) Allows for Adjusting
I2C Bus Voltage from 1.8V to 3.3V
● On-Board Electronic Load Emulates System Loading
• Steady-State, Transient, and Random Modes
Figure 1. MAX77503 EV Kit Photo
Click
here for production status of specific part numbers.


Similar Part No. - MAX77503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
MAX77504 MAXIM-MAX77504 Datasheet
1Mb / 8P
Sense Points for High-Accuracy Measurements
Rev 0; 11/19
MAX77504 MAXIM-MAX77504 Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
MAX77504AAFC+T MAXIM-MAX77504AAFC+T Datasheet
1Mb / 37P
14V Input, 3A High-Efficiency Buck Converter in WLP or QFN
2020
MAX77504AAWE+ MAXIM-MAX77504AAWE+ Datasheet
1Mb / 8P
Sense Points for High-Accuracy Measurements
Rev 0; 11/19
More results

Similar Description - MAX77503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77324 MAXIM-MAX77324 Datasheet
880Kb / 7P
Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX2181EVKIT MAXIM-MAX2181EVKIT Datasheet
523Kb / 7P
Proven PCB Layout
Rev 0; 12/13
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX14566EEVKIT MAXIM-MAX14566EEVKIT Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
MAX77831WEVKIT MAXIM-MAX77831WEVKIT Datasheet
2Mb / 18P
Proven PCB Reference Design and Layout Benefit
Rev 0; 9/20
MAX77752EVKIT MAXIM-MAX77752EVKIT Datasheet
2Mb / 19P
Proven PCB Reference Design and Layout
Rev 0; 10/17
MAX20078EVKIT MAXIM-MAX20078EVKIT Datasheet
753Kb / 9P
Proven PCB Layout and Thermal Design
Rev 0; 3/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com