Electronic Components Datasheet Search
  English  ▼

X  

MAX77324 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77324
Description  Sense Points for High-Accuracy Measurements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77324 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77324 Datasheet HTML 1Page - Maxim Integrated Products MAX77324 Datasheet HTML 2Page - Maxim Integrated Products MAX77324 Datasheet HTML 3Page - Maxim Integrated Products MAX77324 Datasheet HTML 4Page - Maxim Integrated Products MAX77324 Datasheet HTML 5Page - Maxim Integrated Products MAX77324 Datasheet HTML 6Page - Maxim Integrated Products MAX77324 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX77324
MAX77324 Evaluation Kit
MAX77324 EV Kit Bill of Materials
PART
QTY
DESCRIPTION
C2, C3
2
22µF ±20%, 6.3V, X5R ceramic capacitor (0603)
C1608X5R0J226M080AC
C4
1
220pF ±10%, 50V, X7R ceramic capacitor (0402)
GRM155R71H221KA01
C7
1
100µF ±20%, 6.3V, tantalum capacitor (3528)
TCJB107M006R0070
J1
1
2-Pin header
L1
1
0.47µH ±20%, 4.90A inductor (2520)
GLULKR4701A
R1, R2
2
30.1kΩ ±1% resistor (0402)
U1
1
MAX77324EWTAD+ (6 WLP)
C1, C5
0
Not installed, capacitor (0603)
C6, C8
0
Not installed, capacitor (0402)
—
1
Shunt
—
1
PCB: MAX77324 EV Kit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com