Electronic Components Datasheet Search
  English  ▼

X  

MAX77231 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77231
Description  Output Factory-Trimmable from 11.2V to 16.2V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77231 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77231 Datasheet HTML 1Page - Maxim Integrated Products MAX77231 Datasheet HTML 2Page - Maxim Integrated Products MAX77231 Datasheet HTML 3Page - Maxim Integrated Products MAX77231 Datasheet HTML 4Page - Maxim Integrated Products MAX77231 Datasheet HTML 5Page - Maxim Integrated Products MAX77231 Datasheet HTML 6Page - Maxim Integrated Products MAX77231 Datasheet HTML 7Page - Maxim Integrated Products MAX77231 Datasheet HTML 8Page - Maxim Integrated Products MAX77231 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAX77231
MAX77231 Evaluation Kit
General Description
The MAX77231 evaluation kit (EV kit) is a fully assembled
and tested PCB for evaluating the MAX77231 low-noise
step-up DC-DC converter. It is optimized for boost
applications requiring very low ripple/noise and small PCB
space. The EV kit is set up to provide an 11.2V output
from an input voltage ranging from 2.7V to 4.8V, and can
deliver up to 10mA of current. The output ripple and noise
are suppressed to 35µVRMS. Other output voltages up to
16.2V can be factory set. Jumpers are provided to help
evaluate features of the MAX77231 IC.
Features
● Ultra-Small Solution Circuit Area (< 7mm2)
● 35µVRMS Typical Output Ripple/Noise
● 2.7V to 4.8V Input Range
● 11.2V/10mA Output
● Output Factory-Trimmable from 11.2V to 16.2V
● 125µA No-Load Supply Current—Output On
● < 1µA Shutdown Supply Current
● True Shutdown Load Disconnect
● Selectable Active Discharge
● Proven PCB layout
● Fully Assembled and Tested
19-7638; Rev 0; 1/16
Ordering Information appears at end of data sheet.
Quick Start
Recommended Equipment
● MAX77231 EV kit
● 2.5V to 6V 100mA bench power supply (PS1)
● Two digital multimeters (DMM1, DMM2)
● 0–50mA electronic load or appropriate load resistors
Procedure
The EV kit is a fully assembled and tested surface mount
circuit board. Follow the steps below to set up and verify
the IC and board operation:
1) Verify that the jumpers on the EV kit are configured
as shown in Table 1.
2) If using an electronic load, set it to 6mA and turn it
off. Alternately, obtain a 2kΩ resistor (values from
1.8kΩ to 2.4kΩ are also acceptable).
3) Set the power supply to 3.6V and turn it off.
4) Connect the MAX77231 evaluation board, bench
power supply and DMMs as shown in Figure 1.
5) Turn on the power supply.
6) Verify that voltage read by DMM1 is 3.6V.
7) Verify that voltage read by DMM2 is 11.2V.
8) Sweep the power supply down to 2.7V.
9) Verify that voltage read by DMM2 is 11.2V.
10) Sweep the power supply up to 4.8V.
11) Verify that voltage read by DMM2 is 11.2V.
12) Disconnect RL (or electronic load).
13) Verify that voltage read by DMM2 is 11.2V.
Table 1. Default Jumper Settings
JUMPER
DEFAULT SHUNT
POSITION
MODE
JU1
1-2
Active Discharge Off
JU2
1-2
Power On


Similar Part No. - MAX77231

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77231EZL+ MAXIM-MAX77231EZL+ Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
More results

Similar Description - MAX77231

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
TRIMMABLE CHIP
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
TRIMMABLE CHIP RESISTORS
logo
MICORO CRYSTAL SWITZERL...
OCXOS MICROCRYSTAL-OCXOS_16 Datasheet
344Kb / 3P
Sine wave output from 10 to 54MHz
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Maxim Integrated Produc...
MAX8625AEVKIT MAXIM-MAX8625AEVKIT Datasheet
100Kb / 7P
Programmable Output Voltage from 1.25V to 4.2V
Rev 2; 4/09
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
8893CRCNG7D65 Factory Factory Factory Factory adjust manual
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
Two Output Factory Programmable Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com