Electronic Components Datasheet Search
  English  ▼

X  

MAX66960 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX66960
Description  -80C Temperature Data Logger with External Thermistor Probe
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66960 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX66960 Datasheet HTML 1Page - Maxim Integrated Products MAX66960 Datasheet HTML 2Page - Maxim Integrated Products MAX66960 Datasheet HTML 3Page - Maxim Integrated Products MAX66960 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX66960 is a temperature data logger that is ide-
ally suited to monitor and log the ambient temperature
of enclosures that use dry ice as a coolant. It consists
of a precision logging module with a thermistor-based
temperature probe that is permanently attached. In the
application the temperature probe is inserted into the dry
ice cooled area of a container and the logger module is
placed in a container location isolated from the -78.5°C
extremes created by the dry ice. An attached USB cable
and connector provide the PC connection for setup of a
logging mission and download of mission data.
Applications
● Dry Ice Refrigerated Cold-Chain Verification
● In-Transit Monitoring of Temperature-Sensitive
Products
● Time-Stamped Recording of Time/Temperature
Excursions
Benefits and Features
● Provides High-Quality Assessment of Storage
Temperature Profiles
• 16-Bit Temperature Measurements with Storage for
65,536 Time-Stamped Values
• Flexibility to Monitor and Datalog Long Duration
Shipments with Short-Duration Time Intervals
• Rugged IP42 Construction Survives Harsh
Environments
• Meets CE EMC Directive of EN 61326-1
• Tested for Portable Electronic Devices for Use on
Airplanes per RTCA/DO-160G
● Highly Configurable Options for Data Logging and
Security
• Optimize Logger Operation for Specific Shipment
Conditions
• Protect Settings and Data from Unauthorized
Modification
● Easy to Start/Stop Logging of Missions
• Pushbuttons and LEDs for Control and Status
• Visual Indication of Logger and Battery Status
Ordering Information appears at end of data sheet.
19-7460; Rev 1; 1/17
MAX66960
-80ºC Temperature Data Logger
with External Thermistor Probe


Similar Part No. - MAX66960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6696 MAXIM-MAX6696 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6696AEE MAXIM-MAX6696AEE Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6696AEE MAXIM-MAX6696AEE Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6696AEE+ MAXIM-MAX6696AEE+ Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6696YAEE MAXIM-MAX6696YAEE Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
More results

Similar Description - MAX66960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
logo
NXP Semiconductors
NHS3100 NXP-NHS3100 Datasheet
1Mb / 41P
Temperature logger
Rev. 4-5 September 2016
logo
TT Electronics.
DS6001 TTELEC-DS6001 Datasheet
335Kb / 2P
Single Channel ?쏝utton??Temperature Data Logger
DS6002 TTELEC-DS6002 Datasheet
312Kb / 2P
In-Transit Temperature Data Logger
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
logo
Vaisala
DL1000-1400 VAISALA-DL1000-1400 Datasheet
981Kb / 4P
DL1000-1400 Temperature Data Logger
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
DL2000 Temperature and RH Data Logger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com