Electronic Components Datasheet Search
  English  ▼

X  

MAX14933 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14933
Description  Two-Channel, 2.75kVRMS I2C Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14933 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14933 Datasheet HTML 1Page - Maxim Integrated Products MAX14933 Datasheet HTML 2Page - Maxim Integrated Products MAX14933 Datasheet HTML 3Page - Maxim Integrated Products MAX14933 Datasheet HTML 4Page - Maxim Integrated Products MAX14933 Datasheet HTML 5Page - Maxim Integrated Products MAX14933 Datasheet HTML 6Page - Maxim Integrated Products MAX14933 Datasheet HTML 7Page - Maxim Integrated Products MAX14933 Datasheet HTML 8Page - Maxim Integrated Products MAX14933 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX14933 is a two-channel, 2.75kVRMS I2C digital isola-
tor utilizing Maxim’s proprietary process technology. For
applications requiring 5kVRMS of isolation, refer to the
MAX14937 data sheet. The MAX14933 transfers digital
signals between circuits with different power domains at
ambient temperatures up to +125°C.
The device offers two bidirectional, open-drain channels
for applications, such as I2C, that require data to be
transmitted in both directions on the same line. To prevent
latch-up action, the A-side outputs comprise special buf-
fers that regulate the logic-low voltage at 0.9V (max), and
the input logic-low threshold is at least 50mV lower than
the output logic-low voltage. The B side features conven-
tional buffers that do not regulate logic-low output voltage.
The device features independent 2.25V to 5.5V
supplies on each side of the isolator. The device operates
from DC to 1.7MHz and can be used in isolated I2C busses
with clock stretching.
The MAX14933 is available in both a 16-pin wide-body
(10.3mm x 7.5mm) and narrow-body (9.9mm x 3.9mm)
SOIC package. All devices are rated for operation at
ambient temperatures of -40°C to +125°C.
Applications
● I2C, SMBus, PMBus™ Interfaces
● Power Supplies
● Battery Management
● Instrumentation
Benefits and Features
● Robust Galvanic Isolation of Digital Signals
• Withstands 2.75kVRMS for 60s (VISO)
• Continuously Withstands 443VRMS (VIOWM)
• 630VPEAK Repetitive Peak Voltage (VIORM)
• Withstands ±10kV Surge per IEC 61000-4-5
• 2 Packages (4mm or 8mm Creepage and Clearance)
● Interfaces Directly with Most Micros and FPGAs
• Accepts 2.25V to 5.5V Supplies
• Bidirectional Data Transfer from DC to 1.7MHz
● Low Power Consumption
• 5.3mA per Channel Typical at 1.7MHz
Safety Regulatory Approvals
• UL According to UL1577
• cUL According to CSA Bulletin 5A
• VDE 0884-11 Basic Insulation
Ordering Information appears at end of data sheet.
PMBus is a trademark of SMIF, Inc.
19-7533; Rev 4; 11/20
Functional Diagram
2.75kVRMS
DIGITAL
ISOLATOR
MAX14933
VDDA
VDDB
GNDA
GNDB
I/OB1
I/OA1
I/OB2
I/OA2
MAX14933
Two-Channel, 2.75kVRMS I2C Isolator
EVALUATION KIT AVAILABLE
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX14933

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14933 MAXIM-MAX14933 Datasheet
2Mb / 11P
Fully Assembled and Tested.
Rev 0; 5/15
MAX14933WEVKIT MAXIM-MAX14933WEVKIT Datasheet
2Mb / 11P
Fully Assembled and Tested.
Rev 0; 5/15
MAX14933WEVKIT# MAXIM-MAX14933WEVKIT# Datasheet
2Mb / 11P
Fully Assembled and Tested.
Rev 0; 5/15
More results

Similar Description - MAX14933

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Linear Technology
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
PHOENIX CONTACT
2901994 PHOENIX-2901994 Datasheet
326Kb / 13P
Input loop-powered 2-way isolator, single and two-channel
logo
Texas Instruments
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021 TI1-ISO7021_V01 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14937 MAXIM-MAX14937 Datasheet
1Mb / 16P
Two Channel, 5kVRMS I2C Isolator
Rev 4; 11/20
MAX14130 MAXIM-MAX14130_V01 Datasheet
1Mb / 25P
4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com