Electronic Components Datasheet Search
  English  ▼

X  

MAX14922 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14922
Description  LED Indication of Status and Fault Conditions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14922 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14922 Datasheet HTML 1Page - Maxim Integrated Products MAX14922 Datasheet HTML 2Page - Maxim Integrated Products MAX14922 Datasheet HTML 3Page - Maxim Integrated Products MAX14922 Datasheet HTML 4Page - Maxim Integrated Products MAX14922 Datasheet HTML 5Page - Maxim Integrated Products MAX14922 Datasheet HTML 6Page - Maxim Integrated Products MAX14922 Datasheet HTML 7Page - Maxim Integrated Products MAX14922 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14922
MAX14922 Evaluation Kit
Current Limit Autoretry Timing
The MAX14922 EV kit comes with a default 1nF C8
capacitor connected to the tBLANK input that determines
the blanking and autoretry timing in case of an overcur-
rent scenario. A 1nF capacitor provides 33μs of current
limit time (tON_CL) and 9ms of off time (tOFF_CL) based
on a short-circuit of the S pin to GND and a VDD supply
voltage of +24V. After 9ms, the device autoretries turning
on the external FET. For more information regarding cur-
rent limit and autoretry timing, refer to the IC data sheet.
The EV kit features a 12mΩ sense resistor at R1, which
sets the current limit threshold to 2.5A. Current limiting is
enabled when the load current is more than the threshold.
Working with Different Supply Inputs
The MAX14922 EV kit comes with a default supply clamps
to handle up to +60V supply input at VDD. Although when
working with standard +24V supply providing power to
VDD of the EV kit, the current components can still be
used for evaluation. Replacing D5 with SM30T35CAY
and D1 with SBMJ33A changes the protection parameters
necessary for a +24V supply environment evaluation.
#Denotes an RoHS-compliant part.
PART
TYPE
MAX14922EVKIT#
EV Kit
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com