Electronic Components Datasheet Search
  English  ▼

X  

MAX14916 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14916
Description  Fast Inductive Load Demagnetization
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14916 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14916 Datasheet HTML 1Page - Maxim Integrated Products MAX14916 Datasheet HTML 2Page - Maxim Integrated Products MAX14916 Datasheet HTML 3Page - Maxim Integrated Products MAX14916 Datasheet HTML 4Page - Maxim Integrated Products MAX14916 Datasheet HTML 5Page - Maxim Integrated Products MAX14916 Datasheet HTML 6Page - Maxim Integrated Products MAX14916 Datasheet HTML 7Page - Maxim Integrated Products MAX14916 Datasheet HTML 8Page - Maxim Integrated Products MAX14916 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14916
MAX14916 Evaluation Kit
Detailed Description of Hardware
The MAX14916EV kit in conjunction with the USB2GPIO#
adapter board provides easy to use and flexible solution
for evaluation of the MAX14916, octal high-side switch
for industrial applications. It allows SPI communication
between the Windows compatible GUI installed on a PC,
and the MAX14916. The USB2GPIO# adapter board is a
plug and play device that is powered from the USB port
and does not require any additional configuration, refer
to the USB2GPIO data sheet
HERE. A USB driver for
the USB2GPIO# board is installed automatically with the
MAX14916 GUI.
The MAX14916EVKIT# can be used as a standalone
board connected to the SPI bus using J4 and/or J5
headers, refer to the MAX14916 EV kit schematic. Up to
four EV kits can be connected to the same SPI bus with
selectable address for each board by appropriate J4 and
J5 jumper settings. For full configuration options, refer to
Table 1.
Load for each channel should be connected to the J10
terminal block. Each channel (switch) can provide about
1A of current (typ) and can handle either resistive or
inductive load.
On board diagnostics provide VDD status through
VDDOK LED (DS9), communication error via COMERR#
LED (DS18) and a global fault condition via FAULT#
LED (DS19). Per channel output state and per channel
fault conditions are visible via LED matrix, DS1 through
DS4, and DS5 through DS8, correspondently. Other
diagnostics are provided through the SPI interface by
reading the diagnostic registers 0x03 through 0x09.
Table 1. MAX14916 Board Shunt Positions & Settings
*Default configuration
HEADER
SHUNT POSITION
DESCIPTION
J9
1-2*
VLED supplied from VDD.
Open
Use an external VLED source. Apply VLED power between VLED test point TP8 and
GND (TP9).
J6
1-2
Select 3.3V logic level (VL = VA).
Open*
Logic voltage (VL) supplied from USB2GPIO board (3.3V).
Use an external source between VL and GND (TP5) if another host controller is used.
J8
Open*
Internal 3.3V VA regulator enabled.
1-2
Internal VA regulator disabled (REGEN = GND). Use an external VA source between VA test
point and GND (TP4).
J4
1-2
Set address bit A0 = 1.
2-3*
Set address bit A0 = 0.
J5
1-2
Set address bit A1 = 1.
2-3*
Set address bit A1 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com