Electronic Components Datasheet Search
  English  ▼

X  

MAX14915 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14915
Description  Open-wire, Overload, Undervoltage, Overcurrent, Thermal Shutdown Fault Conditions Indication
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14915 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14915 Datasheet HTML 1Page - Maxim Integrated Products MAX14915 Datasheet HTML 2Page - Maxim Integrated Products MAX14915 Datasheet HTML 3Page - Maxim Integrated Products MAX14915 Datasheet HTML 4Page - Maxim Integrated Products MAX14915 Datasheet HTML 5Page - Maxim Integrated Products MAX14915 Datasheet HTML 6Page - Maxim Integrated Products MAX14915 Datasheet HTML 7Page - Maxim Integrated Products MAX14915 Datasheet HTML 8Page - Maxim Integrated Products MAX14915 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14915
MAX14915 Evaluation Kit
Detailed Description of Hardware
The MAX14915EV kit in conjunction with the USB2GPIO#
adapter board provides easy to use and flexible solution
for evaluation of the MAX14915, octal high-side switch
for industrial applications. It allows SPI communication
between the Windows compatible GUI installed on a PC,
and the MAX14915. The USB2GPIO# adapter board is a
plug and play device that is powered from the USB port
and does not require any additional configuration, refer
to the USB2GPIO data sheet
HERE. A USB driver for
the USB2GPIO# board is installed automatically with the
MAX14915 GUI.
The MAX14915EV kit# can be used as a standalone
board connected to the SPI bus using J6 or/and J7
headers, refer to the MAX14915 EV kit schematic. Up to
four EV kits can be connected to the same SPI bus with
selectable address for each board by appropriate J11 and
J12 jumper settings. For full configuration options, refer
to Table 1.
Load for each channel should be connected to the J8
and J9 terminal block. Each channel (switch) can provide
about 1A of current (typ) and can handle either resistive
or inductive load.
On board diagnostics provide VDD status through
VDDOK LED (DS9), communication error via COMERR#
LED (DS18) and a global fault condition via FAULT#
LED (DS19). Per channel output state and per channel
fault conditions are visible via LED matrix, DS1 through
DS8, and DS10 through DS17, correspondently. Other
diagnostics are provided through the SPI interface by
reading the diagnostic registers 0x03 through 0x09.
Table 1. MAX14915 Board Shunt Positions & Settings
*Default configuration
HEADER
SHUNT POSITION
DESCIPTION
J3
1-2*
VLED supplied from VDD.
Open
Use an external VLED source. Apply VLED power between VLED test point
and GND (TP4).
J4
1-2
Select 3.3V logic level (VL=VA).
Open*
Logic voltage (VL) supplied from USB2GPIO board (3.3V).
Use an external source between VL and GND (TP11) if another host controller
is used.
J5
Open*
Internal 3.3V VA regulator enabled.
1-2
Internal VA regulator disabled (REGEN=GND). Use an external VA source
between VA test point and GND (TP4).
J6
1-2
Set address bit A0 = 1.
2-3*
Set address bit A0 = 0.
J7
1-2
Set address bit A1 = 1.
2-3*
Set address bit A1 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com