Electronic Components Datasheet Search
  English  ▼

X  

AF4901P Datasheet(PDF) 1 Page - Anachip Corp

Part # AF4901P
Description  Dual P-Channel 30-V (D-S) Common Drain MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF4901P Datasheet(HTML) 1 Page - Anachip Corp

  AF4901P Datasheet HTML 1Page - Anachip Corp AF4901P Datasheet HTML 2Page - Anachip Corp AF4901P Datasheet HTML 3Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AF4901P
Dual P-Channel 30-V (D-S) Common Drain MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Jul 16, 2004
1/3
Features
-Low rDS(on) Provides Higher Efficiency and Extends
Battery Life
-Miniature SO-8 Surface Mount Package Saves
Board Space
-High power and current handling capability
-Extended VGS range (±25) for battery pack
applications
Product Summary
VDS (V)
rDS(on) (mΩ)
ID (A)
21@VGS=-10V
-9.5
-30
35@VGS=-4.5V
-7.0
Pin Assignments
SOP-8
5
6
7
8
4
3
2
1
D
D
D
D
S
G
S
G
General Description
These miniature surface mount MOSFETs utilize
High Cell Density process.
Low rDS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry.
Typical applications are PWM DC-DC
converters, power management in portable and
battery-powered
products
such
as
computers,
printers, battery charger, telecommunication power
system, and telephones power system.
Pin Descriptions
Pin
Name
Description
S
Source
G
Gate
D
Drain
Ordering information
AX 4901P X X X
PN
Package
Feature
F :MOSFET
S: SOP-8
Lead Free
Blank : Normal
L : Lead Free Package
Packing
Blank : Tube or Bulk
A : Tape & Reel


Similar Part No. - AF4901P

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF4910 ANACHIP-AF4910 Datasheet
180Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
AF4910N ANACHIP-AF4910N Datasheet
180Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
AF4910NS ANACHIP-AF4910NS Datasheet
180Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
AF4910NSA ANACHIP-AF4910NSA Datasheet
180Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
AF4910NSL ANACHIP-AF4910NSL Datasheet
180Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
Rev. 1.1 Jul 20, 2004
More results

Similar Description - AF4901P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET, Common Drain
12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET, Common Drain
18-Feb-02
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
02-Apr-01
SI6874EDQ VISHAY-SI6874EDQ Datasheet
68Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
14-Aug-00
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
07-Jun-03
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
Dual P-Channel 30-V(D-S) MOSFET
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7900AEDN VISHAY-SI7900AEDN_08 Datasheet
537Kb / 12P
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
07-Jul-08
SI7900AEDN-T1 VISHAY-SI7900AEDN-T1 Datasheet
540Kb / 12P
Dual N-Channel 20-V (D-S) MOSFET, Common Drain
07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
Dual N-Channel 20 V (D-S) MOSFET, Common Drain
07-Jul-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com