Electronic Components Datasheet Search
  English  ▼

X  

MAX14914 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14914
Description  Accurate Internal Current Limiter for Types 1, 2, and 3 Digital Inputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14914 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14914 Datasheet HTML 1Page - Maxim Integrated Products MAX14914 Datasheet HTML 2Page - Maxim Integrated Products MAX14914 Datasheet HTML 3Page - Maxim Integrated Products MAX14914 Datasheet HTML 4Page - Maxim Integrated Products MAX14914 Datasheet HTML 5Page - Maxim Integrated Products MAX14914 Datasheet HTML 6Page - Maxim Integrated Products MAX14914 Datasheet HTML 7Page - Maxim Integrated Products MAX14914 Datasheet HTML 8Page - Maxim Integrated Products MAX14914 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX14914 peripheral module provides the hardware
to evaluate the MAX14914 high-side/push-pull driver that
operates as both an industrial digital output (DO) and an
industrial digital input (DI). Refer to the MAX14914 IC data
sheet for detailed information regarding operation of the IC.
The module can be used in various ways; Maxim sells a
low-cost USB2PMB1 adapter board that uses the Munich
GUI software for communication through a USB cable.
This is not included with this board. Alternatively, any
microcontroller or FPGA with a 12-pin Pmod
TM-compatible
connector can be used, but the user needs to adapt the
signalling because this is not a standard SPI port. Another
option for the user is to wire-wrap a temporary connection
from their system to the pins on connector X1.
Contents
● MAX14914PMB with the MAX14914
Features
● Easy Evaluation of the MAX14914
● Configurable as a Digital Input or a High-Side or
Push-Pull Digital Output
● Accurate Internal Current Limiter for Types 1, 2, and
3 Digital Inputs
● Support High-Side Current Up to 1.3A with External
24V Supply
● Adjustable Short-Circuit Current Limit
● Safe-Demagnetization for Safe Turn Off of Unlimited
Inductance
● Works with USB2PMB1 Adapter and Munich GUI
Software
● Fully Assembled and Tested
● Proven PCB Layout
● RoHS Compliant
19-8794; Rev 0; 3/17
Ordering Information appears at end of data sheet.
Pmod is a trademark of Digilent Inc.
MAX14914PMB
Evaluates: MAX14914
MAX14914 Peripheral Module


Similar Part No. - MAX14914

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14914 MAXIM-MAX14914 Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX14914A MAXIM-MAX14914A Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX14914B MAXIM-MAX14914B Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
Reverse Supply Voltage Protection
Rev 1; 8/20
More results

Similar Description - MAX14914

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
ATMEL Corporation
ATR0841 ATMEL-ATR0841 Datasheet
134Kb / 6P
4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
logo
STMicroelectronics
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
logo
Analog Devices
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
logo
PHOENIX CONTACT
2867322 PHOENIX-2867322 Datasheet
130Kb / 4P
Analog /digital module for 2 digital inputs/outputs and 1 analog input/output
2885223 PHOENIX-2885223 Datasheet
121Kb / 3P
Digital expansion module with 2 digital inputs for measuring pulses and frequencies
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
Maxim Integrated Produc...
MAX22190PMB MAXIM-MAX22190PMB Datasheet
1Mb / 12P
Configured for IEC 61131-2 Type 1 and Type 3 Sensor Inputs
Rev 0; 8/18
logo
STMicroelectronics
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com