Electronic Components Datasheet Search
  English  ▼

X  

MAX14912 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14912
Description  High speed Push-Pull Digital Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14912 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14912 Datasheet HTML 1Page - Maxim Integrated Products MAX14912 Datasheet HTML 2Page - Maxim Integrated Products MAX14912 Datasheet HTML 3Page - Maxim Integrated Products MAX14912 Datasheet HTML 4Page - Maxim Integrated Products MAX14912 Datasheet HTML 5Page - Maxim Integrated Products MAX14912 Datasheet HTML 6Page - Maxim Integrated Products MAX14912 Datasheet HTML 7Page - Maxim Integrated Products MAX14912 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
MAX14912 Peripheral Module
Evaluates: MAX14912
www.maximintegrated.com
Detailed Description of Hardware
The MAX14912PMB hardware provides everything needed
to evaluate the MAX14912 using the SPI serial interface,
and includes the MAX14912, a terminal for the 8
external loads, and a 24V DC power connector. An
optional USB2PMB2 module can be used with the Munich
GUI to provide the USB-to-MAX14912 interface to control
the MAX14912. The USB2PMB2# adapter provide a 3.3V
input from the USB interface providing VL to MAX14912.
Note an external 24V DC supply is required even if used
with the USB2PMB2# and a USB cable.
Pmod Style Connector
The MAX14912PMB# can plug directly into a Pmod-
compatible port through X1. Note the pin definitions are
SPI, and the user must configure the microcontroller or
FPGA to match MAX14912 signals. For more information
on the interface and control, refer to the MAX41912 IC
data sheet. See MAX14912PMB Schematic for the X1
pinout.
External Supply
An external 24V DC supply is required to be connected to
X2. The rating of this supply must be aligned to the load
connected to X3.
LEDs
The 4 x 4 LED driver crossbar matrix offers a pin-
optimized configuration for driving 16 LEDs. Per-channel
output status and the fault conditions are indicated by
individual LEDs, 8 Green LEDs for status and 8 Red LEDs
for faults. If a FAULT LED is turned on for an output, the
corresponding STATUS LED is always turned off. This
mitigates false information about the status of the affected
OUT_ pin.
External Loads
An output connector is provided for each output along
with a GROUND signal. See MAX14912PMB Schematic
for the X3 pinout.
#Denotes RoHS compliant.
PART
TYPE
MAX14912PMB#
Peripheral Module
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com