Electronic Components Datasheet Search
  English  ▼

X  

MAX14912 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14912
Description  Reverse-Voltage Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14912 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14912 Datasheet HTML 1Page - Maxim Integrated Products MAX14912 Datasheet HTML 2Page - Maxim Integrated Products MAX14912 Datasheet HTML 3Page - Maxim Integrated Products MAX14912 Datasheet HTML 4Page - Maxim Integrated Products MAX14912 Datasheet HTML 5Page - Maxim Integrated Products MAX14912 Datasheet HTML 6Page - Maxim Integrated Products MAX14912 Datasheet HTML 7Page - Maxim Integrated Products MAX14912 Datasheet HTML 8Page - Maxim Integrated Products MAX14912 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14912/MAX14913
MAX14912/MAX14913 Evaluation Kit
Table 1. MAX14912/MAX14913 Board Shunt Positions and Settings
HEADER
SHUNT POSITION
DESCIPTION
J3
Open*
Set IN8 high or low/select 16-bit or 8-bit SPI operation in GUI
1-2
Set IN8 high and OUT8 on/high (stand-alone parallel mode)
2-3
Set IN8 low and OUT8 off/low (stand-alone parallel mode)
J4
Open*
Set push-pull or high-side mode in GUI
1-2
Set push-pull mode (stand-alone parallel mode)
2-3
Set high-side mode (stand-alone parallel mode)
J5
Open*
Enable/disable outputs in GUI
1-2
Enable outputs (stand-alone parallel mode)
2-3
Disable (three-state) outputs (stand-alone parallel mode)
J6
Open*
Set IN2 high or low/enable command mode
1-2
Set IN2 high and OUT2 on/high (stand-alone parallel mode)
2-3
Set IN2 low and OUT2 off/low (stand-alone parallel mode)
J7
1-2*
Enable glitch filtering on all parallel logic inputs and CS
Open
Disable parallel logic glitch filtering
J8
Open*
Set IN7 high or low/Enable configuration command in GUI
1-2
Set IN7 high and OUT7 on/high (stand-alone parallel mode)
2-3
Set IN7 low and OUT7 off/low (stand-alone parallel mode)
J9
Open*
Select serial or parallel interface active in GUI
1-2
Enable serial peripheral interface (SPI)
2-3
Enable parallel interface (stand-alone parallel mode)
J10
Open*
Enable/disable open-load detection/Set IN1 in GUI
1-2
Set IN1 high and OUT1 on/high (stand-alone parallel mode)
2-3
Set IN1 low and OUT1 off/low (stand-alone parallel mode)
J11
Open*
Enable watchdog timer/set IN5 in GUI
1-2
Set IN5 high and OUT5 on/high (stand-alone parallel mode)
2-3
Set IN5 low and OUT5 off/low (stand-alone parallel mode)
J12
Open*
Enable or disable CRC detection/set IN3 in GUI
1-2
Set IN3 high and OUT3 on/high (stand-alone parallel mode)
2-3
Set IN3 low and OUT3 off/low (stand-alone parallel mode)
J13
1-2*
Select 3.3V logic level
2-3
Select 5V logic level
J15
1-2*
5V supply. Replace J15 shunt with a current meter to measure power consumption.
J16
1-2*
Connect Status and Fault LED anodes for outputs 1 and 5 to the driver
Open
Disconnect Status and Fault LED anodes for outputs 1 and 5 to the driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com