Electronic Components Datasheet Search
  English  ▼

X  

IPC02-30P Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IPC02-30P
Description  RFID Transponder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IPC02-30P Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IPC02-30P Datasheet HTML 1Page - Pepperl+Fuchs Inc. IPC02-30P Datasheet HTML 2Page - Pepperl+Fuchs Inc. IPC02-30P Datasheet HTML 3Page - Pepperl+Fuchs Inc. IPC02-30P Datasheet HTML 4Page - Pepperl+Fuchs Inc. IPC02-30P Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RFID Transponder
IPC02-30P
< Battery-free code carrier
< 40 bit fix code
< Readable from both sides
< Mounting holes for simple installation
< Degree of protection IP68
Code carrier
Dimensions
Technical Data
General specifications
Operating frequency
125 kHz
Transfer rate
2 kBit/s
Memory
Chip Type
EM4102 Unique (EM Microelectronic)
Read cycles
unlimited
Data retention period
> 10 years
Directive conformity
Radio equipment
Directive 2014/53/EU
EN 300330
RoHS
Directive 2011/65/EU (RoHS)
EN 50581
Standard conformity
Degree of protection
EN 60529
RFID
ISO/IEC 18000-2
Ambient conditions
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IPC02-30P

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPC02-16 PF-IPC02-16 Datasheet
316Kb / 5P
RFID Transponder
IPC02-20P PF-IPC02-20P Datasheet
498Kb / 3P
RFID Transponder
IPC02-26-T6 PF-IPC02-26-T6 Datasheet
742Kb / 3P
RFID Transponder
IPC02-50P PF-IPC02-50P Datasheet
584Kb / 5P
RFID Transponder
More results

Similar Description - IPC02-30P

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPC03-20CT PF-IPC03-20CT Datasheet
779Kb / 8P
RFID Transponder
IPC03-20K6 PF-IPC03-20K6 Datasheet
440Kb / 3P
RFID Transponder
IPC03-50P PF-IPC03-50P Datasheet
570Kb / 8P
RFID Transponder
IPC03-54 PF-IPC03-54 Datasheet
218Kb / 4P
RFID Transponder
IPC03-58 PF-IPC03-58 Datasheet
475Kb / 8P
RFID Transponder
IPC11-20 PF-IPC11-20 Datasheet
276Kb / 3P
RFID Transponder
IQC21-8 PF-IQC21-8 Datasheet
314Kb / 2P
RFID Transponder
IUC76-F157-T17-M-FR1 PF-IUC76-F157-T17-M-FR1 Datasheet
445Kb / 3P
RFID Transponder
IUC76-F157-T19-M-FR2 PF-IUC76-F157-T19-M-FR2 Datasheet
435Kb / 3P
RFID Transponder
IUC76-50-FR2 PF-IUC76-50-FR2 Datasheet
330Kb / 2P
RFID Transponder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com