Electronic Components Datasheet Search
  English  ▼

X  

IPT1-FP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IPT1-FP
Description  Read/write head
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IPT1-FP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IPT1-FP Datasheet HTML 1Page - Pepperl+Fuchs Inc. IPT1-FP Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Read/write station
IPT1-FP
< With integrated control interface unit
< Serial interfaces and field-bus interfaces selectable through lower
part
< Read distance of up to 100 mm
< Write distance of up to 50 mm
< 3 LEDs for function indication
< Degree of protection IP67
< Optimized reading speed for fixed codes
< Suited for writing of IPC11
LF R/W system, fully assembled as configuration and test station
Function
The IPT1-FP read/write station is used in combination with a base which contains the interface for connecting to a computer. Through the choice
of base, either serial interfaces or field-bus interfaces may be selected.
The analysis system is integrated in the device and simplifies the system construction. Protection class IP67 allows the device to be installed
directly in the field.
Dimensions
23
29
80
65
60
15
Technical Data
General specifications
Operating frequency
125 kHz
Transfer rate
2 kBit/s
Operating distance
maximum: 100 mm
UL File Number
E87056
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IPT1-FP

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPT1-115-01-S-D-RA SAMTEC-IPT1-115-01-S-D-RA Datasheet
508Kb / 1P
SHROUDED POWER CONNECTOR SET
More results

Similar Description - IPT1-FP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-06 PF-IUH-F190-V1-FR1-06 Datasheet
884Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F190-V1-FR2-02 PF-IUH-F190-V1-FR2-02 Datasheet
937Kb / 3P
Read/write head
IUH-F190-V1-FR2-08 PF-IUH-F190-V1-FR2-08 Datasheet
914Kb / 3P
Read/write head
IUH-F190-V1-FR2-14 PF-IUH-F190-V1-FR2-14 Datasheet
917Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com