Electronic Components Datasheet Search
  English  ▼

X  

577333 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577333
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577333 Datasheet(HTML) 1 Page - Festo Corporation.

  577333 Datasheet HTML 1Page - Festo Corporation. 577333 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-L10-M52-RT-M7-1H2L-W1
Part number: 577333
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
330 l/min
Pneumatic working port
M7
Operating voltage
24V DC
Operating pressure
0.25 MPa ... 0.8 MPa
Operating pressure
2.5 bar ... 8 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Pneumatic spring
Certification
RCM compliance mark
c UL us - Recognized (OL)
Degree of protection
IP40
With plug socket
Nominal width
4 mm
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
Internal
Symbol
00992233
Lap
Overlap
Pilot pressure MPa
0.25 MPa ... 0.8 MPa
Pilot pressure
2.5 bar ... 8 bar
Suitability for vacuum
no
Switching time off
17 ms
On switching time
7 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 1.0 W
Permissible voltage fluctuations
+/- 10 %
9/30/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577333

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
577332 FESTO-577332 Datasheet
103Kb / 2P
Air solenoid valve
More results

Similar Description - 577333

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com