Electronic Components Datasheet Search
  English  ▼

X  

577346 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577346
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577346 Datasheet(HTML) 1 Page - Festo Corporation.

  577346 Datasheet HTML 1Page - Festo Corporation. 577346 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-L10-P53C-T-M5-1R8L
Part number: 577346
Data sheet
Feature
Value
Valve function
5/3, closed
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
210 l/min
Pneumatic working port
M5
Operating voltage
24V DC
Operating pressure
0.3 MPa ... 0.8 MPa
Operating pressure
3 bar ... 8 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
RCM compliance mark
c UL us - Recognized (OL)
Degree of protection
IP65
With plug socket
Nominal width
3.2 mm
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
Internal
Symbol
00992896
Lap
Overlap
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Suitability for vacuum
no
Switching time off
30 ms
On switching time
11 ms
Changeover time
14 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 1.0 W
Permissible voltage fluctuations
+/- 10 %
9/30/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577346

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
577347 FESTO-577347 Datasheet
98Kb / 2P
Air solenoid valve
More results

Similar Description - 577346

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com