Electronic Components Datasheet Search
  English  ▼

X  

M74HC257M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC257M1R
Description  QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC257M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC257M1R Datasheet HTML 1Page - STMicroelectronics M74HC257M1R Datasheet HTML 2Page - STMicroelectronics M74HC257M1R Datasheet HTML 3Page - STMicroelectronics M74HC257M1R Datasheet HTML 4Page - STMicroelectronics M74HC257M1R Datasheet HTML 5Page - STMicroelectronics M74HC257M1R Datasheet HTML 6Page - STMicroelectronics M74HC257M1R Datasheet HTML 7Page - STMicroelectronics M74HC257M1R Datasheet HTML 8Page - STMicroelectronics M74HC257M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC257
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1
SELECT
Common Data Select
Input
2, 5, 14, 11
1A to 4A
Data Input From Source A
3, 6, 13, 10
1B to 4B
Data Input From Source B
4, 7, 12, 9
1Y to 4Y
3 State Multiplexer
Outputs
15
OE
3 State Output Enable
Inputs (Active Low)
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUT
OE
SELECT
A
B
Y
HX
XX
Z
LLL
X
L
LL
H
X
H
LH
X
L
L
LH
X
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com