Electronic Components Datasheet Search
  English  ▼

X  

AM79C978A Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C978A
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978A Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C978A Datasheet HTML 67Page - Advanced Micro Devices AM79C978A Datasheet HTML 68Page - Advanced Micro Devices AM79C978A Datasheet HTML 69Page - Advanced Micro Devices AM79C978A Datasheet HTML 70Page - Advanced Micro Devices AM79C978A Datasheet HTML 71Page - Advanced Micro Devices AM79C978A Datasheet HTML 72Page - Advanced Micro Devices AM79C978A Datasheet HTML 73Page - Advanced Micro Devices AM79C978A Datasheet HTML 74Page - Advanced Micro Devices AM79C978A Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 256 page
background image
Am79C978A
71
In internal loopback operation, the Am79C978A con-
troller provides a special mode to test the collision
logic. When FCOLL (CSR15, bit 4) is set to 1, a colli-
sion is forced during every transmission attempt. This
will result in a Retry error.
Full-Duplex Operation
The Am79C978A controller supports full-duplex
operation on the 10BASE-T and MII interfaces.
Full-duplex operation allows simultaneous transmit
and receive activity. Full-duplex operation is en-
abled by the FDEN bit located in BCR9. Full-duplex
operation is also enabled through Auto-Negotiation
when DANAS (BCR 32, bit 7) is not enabled and
the ASEL bit is set, and its link partner is capable
of Auto-Negotiation and full-duplex operation.
When operating in full-duplex mode, the following
changes to the device operation are made:
Bus Interface/Buffer Management Unit changes:
n The first 64 bytes of every transmit frame are not
preserved in the Transmit FIFO during transmission
of the first 512 bits as described in the Transmit Ex-
ception Conditions section. Instead, when full-du-
plex mode is active and a frame is being transmitted,
the XMTFW bits (CSR80, bits 9-8) always govern
when transmit DMA is requested.
n Successful reception of the first 64 bytes of every
receive frame is not a requirement for Receive DMA
to begin as described in the Receive Exception Con-
ditions section. Instead, receive DMA will be re-
quested as soon as either the RCVFW threshold
(CSR80, bits 12-13) is reached or a complete valid
receive frame is detected, regardless of length. This
Receive FIFO operation is identical to when the RPA
bit (CSR124, bit 3) is set during half-duplex mode
operation.
The MAC engine changes for full-duplex operation are
as follows:
n Changes to the transmit deferral mechanism:
— Transmission is not deferred while receive is active.
— The IPG counter which governs transmit de-
ferral during the IPG between back-to-back
transmits is started when transmit activity for
the first packet ends, instead of when transmit
and carrier activity ends.
n The 4.0 µs carrier sense blinding period after a
transmission during which the SQE test normally
occurs is disabled.
n The collision indication input to the MAC engine is
ignored.
The internal PHY changes for full-duplex operation are
as follows:
n The collision detect (COL) pin is disabled.
n The SQE test function is disabled.
n Loss of Carrier (LCAR) reporting is disabled.
n PHY Control Register (TBR0) bit 8 is set to 1 if Auto-
Negotiation is disabled.
Full-Duplex Link Status LED Support
The Am79C978A controller provides bits in each of the
LED Status registers (BCR4, BCR5, BCR6, BCR7, and
BCR48) to display the Full-Duplex Link Status. If the
FDLSE bit (bit 8) is set, a value of 1 will be sent to the
associated LEDOUT bit when in Full-Duplex.
PHY/MAC Interface
The internal MII-compatible interface provides the data
path connection between the 10BASE-T PHY, the 1 Mbps
HomePNA PHY, and the 10/100 Media Access Controller
(MAC). The interface is compatible with Clause 22 of the
IEEE 802.3 standard specification.
10BASE-T Physical Layer
The 10BASE-T block consists of the following sub-blocks:
— Transmit Process
— Receive Process
— Interface Status
— Collision Detect Function
— Jabber Function
— Reverse Polarity Detect
Refer to Figure 37 for the 10BASE-T block diagram.
Twisted Pair Transmit Function
Data transmission over the 10BASE-T medium re-
quires use of the integrated 10BASE-T MAU and uses
the differential driver circuitry on the TX± pins.
TX± is a differential twisted-pair driver. When properly
terminated, TX± will meet the transmitter electrical re-
quirements for 10BASE-T transmitters as specified in
IEEE 802.3, Section 14.3.1.2. The load is a twisted pair
cable that meets IEEE 802.3, Section 14.4.
The TX± signal is filtered on the chip to reduce har-
monic content per Section 14.3.2.1 (10BASE-T). Since
filtering is performed in silicon, TX± can be connected
directly to a standard transformer. External filtering
modules are not needed.
Twisted Pair Receive Function
The RX+ port is a differential twisted-pair receiver.
When properly terminated, the RX+ port will meet the
electrical requirements for 10BASE-T receivers as
specified in IEEE 802.3, Section 14.3.1.3. The receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com