Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 97Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 98Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 256 page
background image
Am79C978A
101
before
setting
MEMEN.
The
Am79C978A controller will only
respond to accesses to the Ex-
pansion
ROM
when
both
ROMEN (PCI Expansion ROM
Base Address register, bit 0) and
MEMEN are set to 1. Since ME-
MEN also enables the memory
mapped
access
to
the
Am79C978A I/O resources, the
PCI Memory Mapped I/O Base
Address register must be pro-
grammed with an address so that
the device does not claim cycles
not intended for it.
MEMEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
0
IOEN
I/O Space Access Enable. The
Am79C978A controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device. The PCI I/O Base Ad-
dress
register
must
be
pro-
grammed with a valid I/O address
before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or by setting the STOP bit.
PCI Status Register
Offset 06h
The PCI Status register is a 16-bit register that contains
status information for the PCI bus related events. It is
located at offset 06h in the PCI Configuration Space.
Bit
Name
Description
15
PERR
Parity Error. PERR is set when
the
Am79C978A
controller
detects a parity error.
The Am79C978A controller sam-
ples the AD[31:0], C/BE[3:0], and
the PAR lines for a parity error at
the following times:
• In slave mode, during the ad-
dress phase of any PCI bus
command.
• In slave mode, for all I/O, mem-
ory, and configuration write com-
mands
that
select
the
Am79C978A
controller
when
data is transferred (TRDY and
IRDY are asserted).
In master mode, during the data
phase
of
all
memory
read
commands.
In master mode, during the data
phase of the memory write com-
mand, the Am79C978A controller
sets the PERR bit if the target re-
ports a data parity error by
asserting the PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (PCI Command register,
bit 6).
PERR is set by the Am79C978A
controller and cleared by writing a
1. Writing a 0 has no effect.
PERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
14
SERR
Signaled SERR. SERR is set
when the Am79C978A controller
detects an address parity error
and both SERREN and PERREN
(PCI Command register, bits 8
and 6) are set.
SERR is set by the Am79C978A
controller and cleared by writing a
1. Writing a 0 has no effect.
SERR is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
13
RMABORT Received
Master
Abort.
RM-
ABORT
is
set
when
the
Am79C978A
controller
termi-
nates a master cycle with a mas-
ter abort sequence.
RMABORT
is
set
by
the
Am79C978A
controller
and
cleared by writing a 1. Writing a 0
has no effect. RMABORT is
cleared by H_RESET and is not
affected by S_RESET or by
setting the STOP bit.
12
RTABORT
Received
Target
Abort.
RT-
ABORT is set when a target ter-
minates an Am79C978A master
cycle
with
a
target
abort
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com