Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 99Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 100Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 101Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 105Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 256 page
background image
Am79C978A
103
PCI Base-Class Register
Offset 0Bh
The PCI Base-Class register is an 8-bit register that
broadly classifies the function of the Am79C978A con-
troller. The value of this register is 02h, which classifies
the Am79C978A device as a networking controller.
The PCI Base-Class register is located at offset 0Bh in
the PCI Configuration Space. It is read only.
PCI Latency Timer Register
Offset 0Dh
The PCI Latency Timer register is an 8-bit register that
specifies
the
minimum
guaranteed
time
the
Am79C978A controller will control the bus once it starts
its bus mastership period. The time is measured in clock
cycles. Every time the Am79C978A controller asserts
FRAME at the beginning of a bus mastership period, it
will copy the value of the PCI Latency Timer register into
a counter and start counting down. The counter will
freeze at 0. When the system arbiter removes GNT
while the counter is non-zero, the Am79C978A control-
ler will continue with its data transfers. It will only release
the bus when the counter has reached 0.
The PCI Latency Timer is only significant in burst trans-
actions, where FRAME stays asserted until the last data
phase. In a non-burst transaction, FRAME is only as-
serted during the address phase. The internal latency
counter will be cleared and suspended while FRAME is
deasserted.
All eight bits of the PCI Latency Timer register are pro-
grammable. The host should read the Am79C978A PCI
MIN_GNT and PCI MAX_LAT registers to determine the
latency requirements for the device and then initialize
the Latency Timer register with an appropriate value.
The PCI Latency Timer register is located at offset 0Dh
in the PCI Configuration Space. It is read and written by
the host. The PCI Latency Timer register is cleared by
H_RESET and is not effected by S_RESET or by setting
the STOP bit.
PCI Header Type Register
Offset 0Eh
The PCI Header Type register is an 8-bit register that
describes the format of the PCI Configuration Space
locations 10h to 3Ch and that identifies a device to be
single or multi-function. The PCI Header Type register
is located at address 0Eh in the PCI Configuration
Space. It is read only.
Bit
Name
Description
7
FUNCT
Single-function/multi-function de-
vice. Read as zero; write opera-
tions
have
no
effect.
The
Am79C978A controller is a single
function device.
6-0
LAYOUT
PCI configuration space layout.
Read as zeros; write operations
have no effect. The layout of the
PCI configuration space loca-
tions 10h to 3Ch is as shown in
Table 26.
PCI I/O Base Address Register
Offset 10h
The PCI I/O Base Address register is a 32-bit register
that determines the location of the Am79C978A I/O re-
sources in all of I/O space. It is located at offset 10h in
the PCI Configuration Space.
Bit
Name
Description
31-5
IOBASE
I/O base address most significant
27 bits. These bits are written by
the host to specify the location of
the Am79C978A I/O resources in
all of I/O space. IOBASE must be
written with a valid address be-
fore the Am79C978A controller
slave I/O mode is turned on by
setting the IOEN bit (PCI Com-
mand register, bit 0).
When the Am79C978A controller
is enabled for I/O mode (IOEN is
set), it monitors the PCI bus for a
valid I/O command. If the value
on AD[31:5] during the address
phase of the cycles matches the
value
of
IOBASE,
the
Am79C978A controller will drive
DEVSEL indicating it will respond
to the access.
IOBASE is read and written by
the host. IOBASE is cleared by
H_RESET and is not affected by
S_RESET or by setting the STOP
bit.
4-2
IOSIZE
I/O size requirements. Read as
zeros; write operations have no
effect.
IOSIZE indicates the size of the
I/O space the Am79C978A con-
troller requires. When the host
writes a value of FFFF FFFFh to
the I/O Base Address register, it
will read back a value of 0 in bits
4-2.
That
indicates
an
Am79C978A I/O space require-
ment of 32 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com