Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 106 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 106 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 102Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 103Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 105Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 256 page
background image
106
Am79C978A
The PCI Interrupt Line register is located at offset 3Ch
in the PCI Configuration Space. It is read and written by
the host. It is cleared by H_RESET and is not affected
by S_RESET or by setting the STOP bit.
PCI Interrupt Pin Register
Offset 3Dh
This PCI Interrupt Pin register is an 8-bit register that
indicates the interrupt pin that the Am79C978A control-
ler is using. The value for the Am79C978A Interrupt Pin
register is 01h, which corresponds to INTA.
The PCI Interrupt Pin register is located at offset 3Dh in
the PCI Configuration Space. It is read only.
PCI MIN_GNT Register
Offset 3Eh
The PCI MIN_GNT register is an 8-bit register that spec-
ifies the minimum length of a burst period that the
Am79C978A device needs to keep up with the network
activity. The length of the burst period is calculated as-
suming a clock rate of 33 MHz. The register value spec-
ifies the time in units of 1/4
µs. The PCI MIN_GNT
register is an alias of BCR22, bits 7-0. It is recommend-
ed that BCR22 be programmed to a value of 1818h.
The host should use the value in this register to deter-
mine the setting of the PCI Latency Timer register.
The PCI MIN_GNT register is located at offset 3Eh in
the PCI Configuration Space. It is read only.
PCI MAX_LAT Register
Offset 3Fh
The PCI MAX_LAT register is an 8-bit register that spec-
ifies the maximum arbitration latency the Am79C978A
controller can sustain without causing problems to the
network activity. The register value specifies the time in
units of 1/4 µs. The MAX_LAT register is an alias of
BCR22, bits 15-8. It is recommended that BCR22 be
programmed to a value of 1818h.
The host should use the value in this register to deter-
mine the setting of the PCI Latency Timer register.
The PCI MAX_LAT register is located at offset 3Fh in
the PCI Configuration Space. It is read only.
PCI Capability Identifier Register
Offset 40h
Bit
Name
Description
7-0
CAP_ID
This register, when set to 1, iden-
tifies the linked list item as being
the PCI Power Management reg-
isters. This register has a default
value of 1h.
The PCI Capabilities Identifier
register is located at offset 40h in
the PCI Configuration Space. It is
read only.
PCI Next Item Pointer Register
Offset 41h
Bit
Name
Description
7-0
NXT_
ITM_PTR
The Next Item Pointer Register
points to the starting address of
the next capability. The pointer at
this offset is a null pointer, indi-
cating that this is the last capabil-
ity in the linked list of the
capabilities. This register has a
default value of 0h.
The PCI Next Pointer Register is
located at offset 41h in the PCI
Configuration Space. It is read
only.
PCI Power Management Capabilities Register
(PMC)
Offset 42h
Note: All bits of this register are loaded from the
EEPROM. The register is aliased to BCR36 for testing
purposes.
Bit
Name
Description
15-11
PME_SPT
PME Support. This 5-bit field indi-
cates the power states in which
the function may assert PME. A
value of 0b for any bit indicates
that the function is not capable of
asserting the PME signal while in
that power state.
Bit(11) XXXX1b – PME can be
asserted from D0.
Bit(12) XXX1Xb – PME can be
asserted from D1.
Bit(13) XX1XXb – PME can be
asserted from D2.
Bit(14) X1XXXb – PME can be
asserted from D3hot.
Bit(15) 1XXXXb – PME can be
asserted from D3cold.
PME_SPT is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com