Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 104Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 105Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 111Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 256 page
background image
108
Am79C978A
14-13 DATA_SCALE
Data Scale. This 2-bit read-only
field indicates the scaling factor
to be used when interpreting the
value of the Data register. The
value and meaning of this field
will
vary
depending
on
the
DATA_SCALE field.
These bits are read only.
12-9
DATA_SEL Data Select. This optional 4-bit
field is used to select which data
is reported through the Data reg-
ister and DATA_SCALE field.
These bits are always read/write
accessible. Sticky bit. These bits
are reset by POR. H_RESET,
S_RESET, or setting the STOP
bit has no effect.
8
PME_ENPME Enable. When a 1, PME_EN en-
ables the function to assert PME.
When a 0, PME assertion is dis-
abled.
This bit defaults to “0” if the func-
tion does not support PME gener-
ation from D3cold.
If the function supports PME from
D3cold, then this bit is sticky and
must be explicitly cleared by the
operating system each time the
operating
system
is
initially
loaded.
This bit is always read/write ac-
cessible. Sticky bit. This bit is re-
set
by
POR.
H_RESET,
S_RESET, or setting the STOP
bit has no effect.
7-2
RESReserved locations. These bits are read
only.
1-0
PWR_STATEPower State. This 2-bit field is
used both to determine the cur-
rent power state of a function and
to set the function into a new
power state. The definition of the
field values is given below.
00b - D0
01b - D1
10b - D2
11b - D3
These bits can be written and
read, but their contents have no
effect on the operation of the
device.
These bits are always read/write
accessible.
PCI PMCSR Bridge Support Extensions Register
Offset 46h
Bit
Name
Description
7-0
PMCSR_BSE The PCI PMCSR Bridge Support
Extensions Register is an 8-bit
register. PMCSR Bridge Support
Extensions are not supported.
This register has a default value
of 00h.
The PCI PMCSR Bridge Support
Extensions register is located at
offset 46h in the PCI Configura-
tion Space. These bits are read
only.
PCI Data Register
Offset 47h
Note: All bits of this register are loaded from the
EEPROM. The register is aliased to lower bytes of the
BCR37-BCR44 for testing purposes.
Bit
Name
Description
7-0
DATA_REG The PCI Data Register is an 8-bit
register. Refer to the “PCI Bus
Power
Management
Interface
Specification” version 1.0 for a
more detailed description of this
register.
The PCI DATA register s located at
offset 47h in the PCI Configuration
Space. It is read only.
RAP Register
The RAP (Register Address Pointer) register is used to
gain access to CSR and BCR registers on board the
Am79C978A controller. The RAP contains the address
of a CSR or BCR.
As an example of RAP use, consider a read access to
CSR4. In order to access this register, it is necessary
to first load the value 0004h into the RAP by performing
a write access to the RAP offset of 12h (12h when WIO
mode has been selected, 14h when DWIO mode has
been selected). Then a second access is performed,
this time to the RDP offset of 10h (for either WIO or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com