Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 111Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 256 page
background image
Am79C978A
111
This bit is always read accessi-
ble. INTR is read only. INTR is
cleared by clearing all of the ac-
tive individual interrupt bits that
have not been masked out.
6
IENA
Interrupt Enable allows INTA to
be active if the Interrupt Flag is
set. If IENA = 0, then INTA will
be disabled regardless of the
state of INTR.
This bit is always read/write ac-
cessible. IENA is set by writing
a 1 and cleared by writing a 0.
IENA is cleared by H_RESET or
S_RESET
and
setting
the
STOP bit.
5
RXON
Receive On indicates that the re-
ceive function is enabled. RXON
is set if DRX (CSR15, bit 0) is set
to 0 after the START bit is set. If
INIT and START are set together,
RXON will not be set until after
the initialization block has been
read in.
This bit is always read accessi-
ble. RXON is read only. RXON
is
cleared
by
H_RESET
or
S_RESET
and
setting
the
STOP bit.
4
TXON
Transmit On indicates that the
transmit
function
is
enabled.
TXON is set if DTX (CSR15, bit 1)
is set to 0 after the START bit is
set. If INIT and START are set to-
gether, TXON will not be set until
after the initialization block has
been read in.
This bit will reset if the DXSUF-
LO bit (CSR3, bit 6) is reset and
there is an underflow condition
encountered.
Read accessible always. TXON
is read only. TXON is cleared by
H_RESET or S_RESET and
setting the STOP bit.
3
TDMD
Transmit Demand, when set,
causes the Buffer Management
Unit to access the Transmit De-
scriptor Ring without waiting for
the poll-time counter to elapse. If
TXON is not enabled, TDMD bit
will be reset and no Transmit De-
scriptor Ring access will occur.
TDMD is required to be set if the
TXDPOLL bit in CSR4 is set.
Setting
TDMD
while
TXDPOLL = 0 merely hastens
the controller’s response to a
Transmit Descriptor Ring Entry.
This bit is always read/write ac-
cessible. TDMD is set by writing
a 1. Writing a 0 has no effect.
TDMD will be cleared by the
Buffer Management Unit when it
fetches a Transmit Descriptor.
TDMD is cleared by H_RESET
or S_RESET and setting the
STOP bit.
2
STOP
STOP assertion disables the
chip from all DMA activity. The
chip remains inactive until either
STRT or INIT are set. If STOP,
STRT, and INIT are all set to-
gether,
STOP
will
override
STRT and INIT.
This bit is always read/write ac-
cessible. STOP is set by writing
a 1, by H_RESET or S_RESET.
Writing a 0 has no effect. STOP
is
cleared
by
setting
either
STRT or INIT.
1
STRT
STRT
assertion
enables
the
Am79C978A controller to send
and receive frames and perform
buffer management operations.
Setting STRT clears the STOP
bit. If STRT and INIT are set to-
gether, the Am79C978A control-
ler initialization will be performed
first.
This bit is always read/write ac-
cessible. STRT is set by writing
a 1. Writing a 0 has no effect.
STRT is cleared by H_RESET,
S_RESET, or by setting the
STOP bit.
0
INIT
INIT
assertion
enables
the
Am79C978A controller to begin
the initialization procedure which
reads in the initialization block
from memory. Setting INIT clears
the STOP bit. If STRT and INIT
are set together, the Am79C978A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com