Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 111Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 115Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 256 page
background image
112
Am79C978A
controller initialization will be per-
formed first. INIT is not cleared
when the initialization sequence
has completed.
This bit is always read/write ac-
cessible. INIT is set by writing a 1.
Writing a 0 has no effect. INIT is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
CSR1: Initialization Block Address 0
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IADR[15:0]
Lower 16 bits of the address of
the Initialization Block. Bit loca-
tions 1 and 0 must both be 0 to
align the initialization block to a
DWord boundary.
This
register
is
aliased
with
CSR16.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
CSR2: Initialization Block Address 1
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-8
IADR[31:24] If SSIZE32 is set (BCR20, bit 8),
then the IADR[31:24] bits will be
used strictly as the upper 8 bits of
the initialization block address.
However, if SSIZE32 is reset
(BCR20,
bit
8),
then
the
IADR[31:24] bits will be used to
generate the upper 8 bits of all
bus mastering addresses, as re-
quired for a 32-bit address bus.
Note that the 16-bit software
structures
specified
by
the
SSIZE32 = 0 setting will yield
only 24 bits of address for the
Am79C978A bus master ac-
cesses, while the 32-bit hard-
ware for which the Am79C978A
controller is intended will require
32 bits of address. Therefore,
whenever
SSIZE32 = 0,
the
IADR[31:24] bits will be append-
ed to the 24-bit initialization ad-
dress, to each 24-bit descriptor
base address, and to each be-
ginning 24-bit buffer address in
order to form complete 32-bit ad-
dresses. The upper 8 bits that
exist in the descriptor address
registers and the buffer address
registers which are stored on
board the Am79C978A control-
ler will be overwritten with the
IADR[31:24] value, so that CSR
accesses to these registers will
show the 32-bit address that
includes the appended field.
If SSIZE32 = 1, then software will
provide 32-bit pointer values for
all of the shared software struc-
tures – i.e., descriptor bases and
buffer addresses, and therefore,
IADR[31:24] will not be written to
the upper 8 bits of any of these
resources, but it will be used as
the upper 8 bits of the initializa-
tion address.
This
register
is
aliased
with
CSR17.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.
7-0
IADR[23:16] Bits 23 through 16 of the address
of the Initialization Block. When-
ever
this
register
is
written,
CSR17 is updated with CSR2's
contents.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or by setting the
STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com