Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 115Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 116Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 117Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 118Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 256 page
background image
116
Am79C978A
by H_RESET or S_RESET and is
unaffected by the STOP bit.
9
MFCO
Missed Frame Counter Overflow is
set by the Am79C978A controller
when the Missed Frame Counter
(CSR112
and
CSR113)
has
wrapped around.
When MFCO is set, INTA is as-
serted if IENA is 1 and the mask
bit MFCOM is 0.
This bit is always read/write ac-
cessible. MFCO is cleared by the
host by writing a 1. Writing a 0
has no effect. MFCO is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
8
MFCOM
Missed Frame Counter Overflow
Mask. If MFCOM is set, the MFCO
bit will be masked and unable to
set the INTR bit.
This bit is always read/write ac-
cessible. MFCOM is set to 1 by
H_RESET or S_RESET and is
not affected by the STOP bit.
7
UINTCMD
User
Interrupt
Command.
UINTCMD can be used by the
host to generate an interrupt un-
related to any network activity.
When UINTCMD is set, INTA is
asserted if IENA is set to 1. Write
a 1 to UINT to clear UINTCMD
and stop interrupts.
This bit is always read/write ac-
cessible. UINTCMD is cleared by
H_RESET or S_RESET or by
setting the STOP bit.
6
UINT
User Interrupt. UINT is set by the
Am79C978A controller after the
host has issued a user interrupt
command by setting UINTCMD
(CSR4, bit 7) to 1.
This bit is always read/write ac-
cessible. UINT is cleared by the
host by writing a 1. Writing a 0
has no effect. UINT is cleared by
H_RESET or S_RESET or by
setting the STOP bit.
5
RCVCCO
Receive Collision Counter Over-
flow is set by the Am79C978A
controller when the Receive Col-
lision
Counter
(CSR114
and
CSR115) has wrapped around.
When RCVCCO is set, INTA is
asserted if IENA is 1 and the
mask bit RCVCCOM is 0.
This bit is always read/write ac-
cessible. RCVCCO is cleared by
the host by writing a 1. Writing a
0 has no effect. RCVCCO is
cleared
by
H_RESET,
S_RESET, or by setting the
STOP bit.
4
RCVCCOM Receive Collision Counter Over-
flow Mask. If RCVCCOM is set,
the RCVCCO bit will be masked
and unable to set the INTR bit.
This bit is always read/write ac-
cessible. RCVCCOM is set to 1
by H_RESET or S_RESET and is
not affected by the STOP bit.
3
TXSTRT
Transmit Start status is set by the
Am79C978A controller whenever
it begins transmission of a frame.
When TXSTRT is set, INTA is as-
serted if IENA is 1 and the mask
bit TXSTRTM is 0.
This bit is always read/write ac-
cessible. TXSTRT is cleared by
the host by writing a 1. Writing a 0
has no effect. TXSTRT is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
2
TXSTRTM Transmit
Start
Mask.
If
TXSTRTM is set, the TXSTRT
bit will be masked and unable
to set the INTR bit.
This bit is always read/write ac-
cessible. TXSTRTM is set to 1
by H_RESET or S_RESET and
is not affected by the STOP bit.
1-0
RES
Reserved locations. Written as
zeros and read as undefined.
CSR5: Extended Control and Interrupt 1
Certain bits in CSR5 indicate the cause of an interrupt.
The register is designed so that these indicator bits are
cleared by writing ones to those bit locations. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com