Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 115Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 116Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 117Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 118Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 120Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 256 page
background image
Am79C978A
117
means that the software can read CSR5 and write back
the value just read to clear the interrupt condition.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15
TOKINTD
Transmit OK Interrupt Disable. If
TOKINTD is set to 1, the TINT bit
in CSR0 will not be set when a
transmission
was
successful.
Only a transmit error will set the
TINT bit.
TOKINTD has no effect when
LTINTEN (CSR5, bit 14) is set to
1. A transmit descriptor with
LTINT set to 1 will always cause
TINT to be set to 1, independent
of the success of the transmis-
sion.
This bit is always read/write ac-
cessible. TOKINTD is cleared by
H_RESET or S_RESET and is
unaffected by STOP.
14
LTINTEN
Last Transmit Interrupt Enable.
When set to 1, the LTINTEN bit
will cause the Am79C978A con-
troller to read bit 28 of TMD1 as
LTINT. The setting LTINT will de-
termine if TINT will be set at the
end of the transmission.
This bit is always read/write ac-
cessible. LTINTEN is cleared by
H_RESET or S_RESET and is
unaffected by STOP.
13-12
RES
Reserved locations. Written as
zeros and read as undefined.
11
SINT
System Interrupt is set by the
Am79C978A controller when it
detects a system error during a
bus master transfer on the PCI
bus. System errors are data pari-
ty error, master abort, or a target
abort. The setting of SINT due to
data parity error is not dependent
on the setting of PERREN (PCI
Command register, bit 6).
When SINT is set, INTA is assert-
ed if the enable bit SINTE is 1.
Note that the assertion of an in-
terrupt due to SINT is not depen-
dent on the state of the INEA bit,
since INEA is cleared by the
STOP reset generated by the
system error.
This bit is always read/write ac-
cessible. SINT is cleared by the
host by writing a 1. Writing a 0
has no effect. The state of SINT is
not affected by clearing any of the
PCI Status register bits that get
set when a data parity error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13), or target
abort (RTABORT, bit 12) occurs.
SINT is cleared by H_RESET or
S_RESET and is not affected by
setting the STOP bit.
10
SINTE
System
Interrupt
Enable.
If
SINTE is set, the SINT bit will be
able to set the INTR bit.
This bit is always read/write ac-
cessible. SINTE is set to 0 by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
9-8
RES
Reserved locations. Written as
zeros and read as undefined.
7
EXDINT
Excessive Deferral Interrupt is set
by the Am79C978A controller when
the transmitter has experienced Ex-
cessive Deferral on a transmit
frame, where Excessive Deferral is
defined in the ISO 8802-3 (IEEE/
ANSI 802.3) standard.
When EXDINT is set, INTA is as-
serted if the enable bit EXDINTE
is 1.
This bit is always read/write ac-
cessible. EXDINT is cleared by
the host by writing a 1. Writing a
0 has no effect. EXDINT is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
6
EXDINTE
Excessive Deferral Interrupt En-
able. If EXDINTE is set, the
EXDINT bit will be able to set the
INTR bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com