Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 117Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 118Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 120Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 121Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 122Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 123Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 124Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 256 page
background image
Am79C978A
121
When MREINT is set to 1, INTA is
asserted
if
the
enable
bit
MREINTE is set to 1.
This bit is always read/write acces-
sible. MREINT is cleared by the
host by writing a 1. Writing a 0 has
no effect. MREINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP bit.
8
MREINTE
PHY Management Read Error In-
terrupt Enable. If MREINTE is
set, the MREINT bit will be able to
set the INTR bit.
This bit is always read/write ac-
cessible. MREINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP bit
7
MAPINT
PHY Management Auto-Poll In-
terrupt. The PHY Auto-Poll inter-
rupt is set by the Am79C978A
controller to indicate that the cur-
rently read status does not match
the stored previous status indi-
cating a change in state for the in-
ternal PHY. A change in the Auto-
Poll Access Method (BCR32, Bit
11) will reset the shadow register
and will not cause an interrupt on
the first access from the Auto-Poll
section. Subsequent accesses
will generate an interrupt if the
shadow register and the read
register produce differences.
When MAPINT is set to 1, INTA is
asserted
if
the
enable
bit
MAPINTE is set to 1.
This bit is always read/write acces-
sible. MAPINT is cleared by the
host by writing a 1. Writing a 0 has
no effect. MAPINT is cleared by
H_RESET and is not affected by
S_RESET or setting the STOP bit.
6
MAPINTE
PHY Auto-Poll Interrupt Enable.
If MAPINTE is set, the MAPINT
bit will be able to set the INTR bit.
This bit is always read/write acces-
sible. MAPINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP bit.
5
MCCINT
PHY
Management
Command
Complete Interrupt. The PHY
Management Command Com-
plete Interrupt is set by the
Am79C978A controller when a
read or write operation to the in-
ternal PHY Data Port (BCR34) is
complete.
When MCCINT is set to 1, INTA
is asserted if the enable bit
MCCINTE is set to 1.
This bit is always read/write ac-
cessible. MCCINT is cleared by
the host by writing a 1. Writing a
0 has no effect. MCCINT is
cleared by H_RESET and is not
affected by S_RESET or setting
the STOP bit.
4
MCCINTE
PHY
Management
Command
Complete Interrupt Enable. If
MCCINTE
is
set
to
1,
the
MCCINT bit will be able to set the
INTR bit when the host reads or
writes to the internal PHY Data
Port (BCR34) only. Internal PHY
Management Commands will not
generate an interrupt. For in-
stance Auto-Poll state machine
generated management frames
will not generate an interrupt
upon completion unless there is a
compare error which gets report-
ed through the MAPINT (CSR7,
bit 6) interrupt or the MCCIINTE
is set to 1.
This bit is always read/write ac-
cessible. MCCINTE is set to 0 by
H_RESET and is not affected by
S_RESET or setting the STOP bit.
3
MCCIINT
PHY
Management
Command
Complete Internal Interrupt. The
PHY
Management
Command
Complete Interrupt is set by the
Am79C978A controller when a
read or write operation on the in-
ternal PHY management port is
complete from an internal opera-
tion. Examples of internal opera-
tions
are
Auto-Poll
or
PHY
Management
Port
generated
management frames. These are
normally hidden to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com