Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 120Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 121Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 122Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 123Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 124Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 125Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 126Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 256 page
background image
Am79C978A
123
These bit are read/write accessi-
ble only when either the STOP or
the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR11: Logical Address Filter 3
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0 LADRF[63:48]Logical
Address
Filter,
LADRF[63:48]. The content of
this register is undefined until
loaded
from
the
initialization
block after the INIT bit in CSR0
has been set or a direct register
write has been performed on this
register.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR12: Physical Address Register 0
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[15:0] Physical
Address
Register,
PADR[15:0]. The contents of this
register are loaded from the
EEPROM after H_RESET or by
an EEPROM read command
(PRGAD, BCR19, bit 14). If the
EEPROM is not present, the
contents of this register are un-
defined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR13: Physical Address Register 1
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[31:16]Physical
Address
Register,
PADR[31:16]. The contents of
this register are loaded from the
EEPROM after H_RESET or by
an EEPROM read command
(PRGAD, BCR19, bit 14). If the
EEPROM is not present, the
contents of this register are un-
defined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR14: Physical Address Register 2
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
PADR[47:32]Physical
Address
Register,
PADR[47:32]. The contents of
this register are loaded from
the EEPROM after H_RESET
or by an EEPROM read com-
mand (PRGAD, BCR19, bit 14).
If the EEPROM is not present,
the contents of this register are
undefined.
This register can also be loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct register write has been
performed on this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com