Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 111Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 115Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 116Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 256 page
background image
Am79C978A
113
CSR3: Interrupt Masks and Deferral Control
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-13
RES
Reserved locations. Read and
written as zero.
12
MISSM
Missed Frame Mask. If MISSM is
set, the MISS bit will be masked
and unable to set the INTR bit.
This bit is always read/write ac-
cessible. MISSM is cleared by
H_RESET or S_RESET and is
not affected by STOP.
11
MERRM
Memory Error Mask. If MERRM
is set, the MERR bit will be
masked and unable to set the
INTR bit.
This bit is always read/write ac-
cessible. MERRM is cleared by
H_RESET or S_RESET and is
not affected by STOP.
10
RINTM
Receive Interrupt Mask. If RINTM
is set, the RINT bit will be masked
and unable to set the INTR bit.
This bit is always read/write ac-
cessible. RINTM is cleared by
H_RESET or S_RESET and is
not affected by STOP.
9
TINTM
Transmit
Interrupt
Mask.
If
TINTM is set, the TINT bit will be
masked and unable to set the
INTR bit.
This bit is always read/write ac-
cessible. TINTM is cleared by
H_RESET or S_RESET and is
not affected by STOP.
8
IDONM
Initialization
Done
Mask.
If
IDONM is set, the IDON bit will be
masked and unable to set the
INTR bit.
This bit is always read/write ac-
cessible. IDONM is cleared by
H_RESET or S_RESET and is
not affected by STOP.
7
RES
Reserved location. Read and
written as zero.
6
DXSUFLO
Disable Transmit Stop on Under-
flow error.
When DXSUFLO (CSR3, bit 6) is
set to 0, the transmitter is turned
off when an UFLO error occurs
(CSR0, TXON = 0).
When DXSUFLO is set to 1, the
Am79C978A controller graceful-
ly recovers from an UFLO error.
It scans the transmit descriptor
ring until it finds the start of a
new frame and starts a new
transmission.
This bit is always read/write ac-
cessible. DXSUFLO is cleared by
H_RESET or S_RESET and is
not affected by STOP.
5
LAPPEN
Look Ahead Packet Processing
Enable. When set to a 1, the
LAPPEN
bit
will
cause
the
Am79C978A controller to gener-
ate an interrupt following the de-
scriptor write operation to the first
buffer of a receive frame. This in-
terrupt will be generated in addi-
tion
to
the
interrupt
that
is
generated following the descrip-
tor write operation to the last buff-
er of a receive packet. The
interrupt will be signaled through
the RINT bit of CSR0.
Setting LAPPEN to a 1 also en-
ables the Am79C978A control-
ler to read the STP bit of receive
descriptors. The Am79C978A
controller will use the STP infor-
mation to determine where it
should begin writing a receive
packet’s data. Note that while in
this
mode,
the
Am79C978A
controller can write intermediate
packet data to buffers whose
descriptors do not contain STP
bits set to 1. Following the write
to the last descriptor used by a
packet, the Am79C978A con-
troller will scan through the next
descriptor entries to locate the
next STP bit that is set to a 1.
The Am79C978A controller will
begin writing the next packets
data to the buffer pointed to by
that descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com