Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 106Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 107Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 108Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 109Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 110Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 111Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 112Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 256 page
background image
110
Am79C978A
This bit is always read/write ac-
cessible. MISS is cleared by the
host by writing a 1. Writing a 0
has no effect. MISS is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
11
MERR
Memory Error. Memory Error is
set by the Am79C978A controller
when it requests the use of the
system interface bus by asserting
REQ and has not received GNT
assertion after a programmable
length of time. The length of time
in microseconds before MERR is
asserted will depend upon the
setting of the Bus Timeout Regis-
ter (CSR100). The default setting
of CSR100 will give a MERR after
153.6 ms of bus latency.
When MERR is set, INTA is as-
serted if IENA is 1 and the mask
bit MERRM (CSR3, bit 11) is 0.
MERR assertion will set the ERR
bit, regardless of the settings of
IENA and MERRM.
This bit is always read/write ac-
cessible. MERR is cleared by the
host by writing a 1. Writing a 0
has no effect. MERR is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
10
RINT
Receive Interrupt is set by the
Am79C978A controller after the
last descriptor of a receive frame
has been update by writing a 0 to
the ownership bit (OWN). RINT
may also be set when the first de-
scriptor of a receive frame has
been updated by writing a 0 to the
ownership bit if the LAPPEN bit of
CSR3 has been set to a 1.
When RINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
RINTM (CSR3, bit 10) is 0.
This bit is always read/write ac-
cessible. RINT is cleared by the
host by writing a 1. Writing a 0
has no effect. RINT is cleared
by H_RESET, S_RESET, or by
setting the STOP bit.
9
TINT
Transmit Interrupt is set by the
Am79C978A controller after the
OWN bit in the last descriptor of a
transmit frame has been cleared
to indicate the frame has been
sent or an error occurred in the
transmission.
When TINT is set, INTA is assert-
ed if IENA is 1 and the mask bit
TINTM (CSR3, bit 9) is 0.
TINT will not be set if TINTOKD
(CSR5, bit 15) is set to 1 and the
transmission was successful.
This bit is always read/write ac-
cessible. TINT is cleared by the
host by writing a 1. Writing a 0
has no effect. TINT is cleared by
H_RESET, S_RESET, or by
setting the STOP bit.
8
IDON
Initialization Done is set by the
Am79C978A controller after the
initialization sequence has com-
pleted. When IDON is set, the
Am79C978A controller has read
the
initialization
block
from
memory.
When IDON is set, INTA is as-
serted if IENA is 1 and the mask
bit IDONM (CSR3, bit 8) is 0.
This bit is always read/write ac-
cessible. IDON is cleared by the
host by writing a 1. Writing a 0
has no effect. IDON is cleared by
H_RESET, S_RESET, or by set-
ting the STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing
conditions
has
occurred:
EXDINT, IDON, MERR, MISS,
MFCO, RCVCCO, RINT, SINT,
TINT, TXSTRT, UINT, STINT,
MREINT, MCCINT, MIIPDTINT,
MAPINT
and
the
associated
mask
or
enable
bit
is
pro-
grammed to allow the event to
cause an interrupt. If IENA is set
to 1 and INTR is set, INTA will be
active. When INTR is set by SINT
or SLPINT, INTA will be active in-
dependent of the state of IENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com