Electronic Components Datasheet Search
  English  ▼

X  

EM6125 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6125
Description  Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6125 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6125 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6125 Datasheet HTML 43Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
EM6125
Copyright
 2001, EM Microelectronic-Marin SA
39
www.emmicroelectronic.com
10 Pad location
Figure 39
Mechanical Dimensions:
Typical value
Unit
Minimum pad pitch
70
µm
Bump size pads from S[0] to S[183]
50
×100×17.5
µm
Bump size interface pads
102
×102×17.5
µm
Bump hardness
50
Vickers
Wafer thickness
380
µm
Chip Size
7775
×2175
µm
x center
y center
90 µm
90 µm
30 µm
30 µm
30 µm
x center
y center
90 µm
90 µm
30 µm
30 µm
MARK 1 : x = - 61, y = 209
MARK 2 : x = 7397, y = 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com