Electronic Components Datasheet Search
  English  ▼

X  

AD9517-2ABCPZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9517-2ABCPZ
Description  12-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-2ABCPZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9517-2ABCPZ Datasheet HTML 70Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 71Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 72Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 73Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 74Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 75Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 76Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 77Page - Analog Devices AD9517-2ABCPZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
AD9517-2
Data Sheet
Rev. F | Page 74 of 80
Reg.
Addr.
(Hex)
Bits
Name
Description
0x19F
[7:4]
Phase Offset Divider 3.2
Refer to LVDS/CMOS channel divider function description (default = 0x0).
[3:0]
Phase Offset Divider 3.1
Refer to LVDS/CMOS channel divider function description (default = 0x0).
0x1A0
[7:4]
Low Cycles Divider 3.2
Number of clock cycles (minus 1) of 3.2 divider input during which 3.2 output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
High Cycles Divider 3.2
Number of clock cycles (minus 1) of 3.2 divider input during which 3.2 output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x1A1
5
Bypass Divider 3.2
Bypasses (and powers down) 3.2 divider logic; routes clock to 3.2 output.
0: does not bypass (default).
1: bypasses.
4
Bypass Divider 3.1
Bypasses (and powers down) 3.1 divider logic; routes clock to 3.1 output.
0: does not bypass (default).
1: bypasses.
3
Divider 3 nosync
Nosync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
2
Divider 3 force high
Forces Divider 3 output high. Requires that nosync also be set.
0: forces low (default).
1: forces high.
1
Start High Divider 3.2
Divider 3.2 start high/low.
0: starts low (default).
1: starts high.
0
Start High Divider 3.1
Divider 3.1 start high/low.
0: starts low (default).
1: starts high.
0x1A2
0
Divider 3 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com