Electronic Components Datasheet Search
  English  ▼

X  

ADCLK914 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCLK914
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914 Datasheet(HTML) 1 Page - Analog Devices

  ADCLK914 Datasheet HTML 1Page - Analog Devices ADCLK914 Datasheet HTML 2Page - Analog Devices ADCLK914 Datasheet HTML 3Page - Analog Devices ADCLK914 Datasheet HTML 4Page - Analog Devices ADCLK914 Datasheet HTML 5Page - Analog Devices ADCLK914 Datasheet HTML 6Page - Analog Devices ADCLK914 Datasheet HTML 7Page - Analog Devices ADCLK914 Datasheet HTML 8Page - Analog Devices ADCLK914 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ultrafast, SiGe, Open-Collector
HVDS Clock/Data Buffer
Data Sheet
ADCLK914
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
7.5 GHz operating frequency
160 ps propagation delay
100 ps output rise/fall
110 fs random jitter
On-chip input terminations
Extended industrial temperature range: −40°C to +125°C
3.3 V power supply (VCC − VEE)
APPLICATIONS
Clock and data signal restoration
High speed converter clocking
Broadband communications
Cellular infrastructure
High speed line receivers
ATE and high performance instrumentation
Level shifting
Threshold detection
FUNCTIONAL BLOCK DIAGRAM
D
D
Q
VCC
VEE
VT
Q
VREF
50Ω
50Ω
50Ω 50Ω
ADCLK914
Figure 1.
GENERAL DESCRIPTION
The ADCLK914 is an ultrafast clock/data buffer fabricated on
the Analog Devices, Inc., proprietary, complementary bipolar
(XFCB-3) silicon-germanium (SiGe) process. The ADCLK914
features high voltage differential signaling (HVDS) outputs
suitable for driving the latest Analog Devices high speed digital-
to-analog converters (DACs). The ADCLK914 has a single,
differential open-collector output.
The ADCLK914 buffer operates up to 7.5 GHz with a 160 ps
propagation delay and adds only 110 fs random jitter (RJ).
The input has a center tapped, 100 Ω, on-chip termination
resistor and accepts LVPECL, CML, CMOS, LVTTL, or LVDS
(ac-coupled only). A VREF pin is available for biasing ac-coupled
inputs.
The HVDS output stage is designed to directly drive 1.9 V each
side into 50 Ω terminated to VCC for a total differential output
swing of 3.8 V.
The ADCLK914 is available in a 16-lead LFCSP. It is specified
for operation over the extended industrial temperature range of
−40°C to +125°C.


Similar Part No. - ADCLK914

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK914/PCBZ1 AD-ADCLK914/PCBZ1 Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914BCPZ-R2 AD-ADCLK914BCPZ-R2 Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914BCPZ-R7 AD-ADCLK914BCPZ-R7 Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
More results

Similar Description - ADCLK914

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
Octal inverter buffer open-collector
1989 Nov 27
logo
Analog Devices
ADCLK925BCPZ-WP AD-ADCLK925BCPZ-WP Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
ADCLK905 AD-ADCLK905_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK907 AD-ADCLK907_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK925 AD-ADCLK925_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_17 Datasheet
867Kb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
2/2017-Rev. A to Rev. B
logo
Nexperia B.V. All right...
74F06 NEXPERIA-74F06 Datasheet
200Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com