Electronic Components Datasheet Search
  English  ▼

X  

ACE5177X Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5177X
Description  7V 300mA 75dB High PSRR, High Speed LDO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5177X Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5177X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5177X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5177X Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE5177X
7V 300mA 75dB High PSRR, High Speed LDO
VER 1.1
1
Description
ACE5177X is a low dropout, positive linear regulator with very low quiescent current. It can supply
300mA output current with a input range from 1.7V to 7V, which makes it suitable for all kinds of
applications.
ACE5177X uses advanced CMOS technology to achieve very low dropout voltage (300mV @300mA).
Fast structural design achieves 75dB PSRR at 1kHz while still maintaining a small 50uA quiescent
current.
Trimming technique is used to guarantee output voltage accuracy within ±1%.
ACE5177X provides full fault protection including current limit, short circuit protection and thermal shut
down.
Only 1uF ceramic capacitor is required to maintain stability and fast response. 4000V HBM ESD is
guaranteed by design.
ACE5177X is available in SOT23-5 package.
Features
⚫
1.7V to 7V wide input range
⚫
±1% output accuracy
⚫
Adjustable Output from 0.6V to (Vin -Vdrop)
⚫
300mA maximum load
⚫
75dB PSRR @ 1kHz
⚫
50uA low quiescent current
⚫
0.02%/V Line regulation
⚫
-
40 OC ~125 OC wide operating temperature
⚫
Foldback short circuit protection.
⚫
Auto discharge function
⚫
150 OC thermal protection
⚫
4000V HBM ESD
Application
⚫
Battery powered portable devices
⚫
Smart phone, tablet
⚫
Hi resolution camera sensor power
⚫
Wireless modules
⚫
RF,PLL,VCO clock power


Similar Part No. - ACE5177X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
ACE5172C ACE-ACE5172C Datasheet
199Kb / 3P
2A Low Consumption Linear Regulator
VER 1.4
ACE5175X ACE-ACE5175X Datasheet
255Kb / 4P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5175XBNH ACE-ACE5175XBNH Datasheet
255Kb / 4P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5176X ACE-ACE5176X Datasheet
192Kb / 3P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
More results

Similar Description - ACE5177X

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
300mA High PSRR LDO Regulators
logo
Global Mixed-mode Techn...
G923 GMT-G923 Datasheet
516Kb / 9P
300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
300mA High PSRR LDO Regulators
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
Dual 300mA High PSRR LDO
logo
Global Mixed-mode Techn...
G923 GMT-G923_15 Datasheet
89Kb / 2P
300mA High PSRR LDO Regulators
G984 GMT-G984 Datasheet
49Kb / 1P
300mA High PSRR LDO Regulators
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
300mA, High PSRR, LDO Regulator
logo
ACE Technology Co., LTD...
ACE5175X ACE-ACE5175X Datasheet
255Kb / 4P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
ACE5176X ACE-ACE5176X Datasheet
192Kb / 3P
7V 600mA 75dB High PSRR, High Speed LDO
VER 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com