Electronic Components Datasheet Search
  English  ▼

X  

ACE7168R Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7168R
Description  Asynchronies Boost WLED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7168R Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7168R Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7168R Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7168R Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7168R Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7168R
Asynchronies Boost WLED Driver
VER 1.1 1
Description
The ACE7168R is a high frequency, asynchronous boost converter. The internal MOSFET can support
up to 10 White LEDs for backlighting and OLED power application, and the internal soft start function can
reduce the inrush current. The device operates with 1-MHz fixed switching frequency to allow small
external components and to simplify possible EMI problems. Moreover, the IC comes with 46V over
voltage protection to allow inexpensive and small-output capacitors with lower voltage ratings. The LED
current is initially set with the external sense resistor Rs.
Features
VIN Operating Range: 2.5V to 5.5V
Internal Power N-MOSFET Switch
Wide Range for PWM Dimming (100Hz to 200kHz)
1MHz Switching Frequency
Minimize the External Component Counts
Internal Soft Start
Internal Compensation
Under Voltage Protection
Over Voltage Protection
Over Temperature Protection
Application
Cellular Phones
Digital still cameras
PDAs and Smart Phones and MP3 and OLED.
Probable Instruments
Absolute Maximum Rating
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
-0.3V~6V
V
LX Pin Voltage
LX
-0.3V~42V
V
FB Pin Voltage
FB
-0.3V~6V
V
Operating Temperature Range
TOPR
-40℃~85℃
Storage Temperature Range
TSTG
-65℃~125℃
Lead Temperature (Soldering, 10 sec)
TL
260℃
Internal Power Dissipation
PD
400
mW


Similar Part No. - ACE7168R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACE716 ETC1-ACE716 Datasheet
93Kb / 1P
RUGGED AC/DC INPUT 150W POWER SUPPLY
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
ACE7166XBNSH ACE-ACE7166XBNSH Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
ACE716E ACE-ACE716E Datasheet
582Kb / 10P
Max 38V, Variable Frequency Step-up DC/DC Converter
VER 1.2
More results

Similar Description - ACE7168R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
logo
Eutech Microelectronics...
EUP2586 EUTECH-EUP2586 Datasheet
80Kb / 1P
Small Package, High Performance, Asynchronies Boost for WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
AiT Semiconductor Inc.
A8160A-030 AITSEMI-A8160A-030 Datasheet
735Kb / 14P
LED BACKLIGHT DRIVER ASYNCHRONIES BOOST FOR 10WLED DRIVER
REV2.0
logo
Richtek Technology Corp...
RT9293 RICHTEK-RT9293 Datasheet
267Kb / 13P
Small Package, High Performance, Asynchronies Boost for 10 WLED Driver
April 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com