Electronic Components Datasheet Search
  English  ▼

X  

ACE7222C Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE7222C
Description  2A 2MHz 5.5V Synchronous Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7222C Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE7222C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7222C Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACE7222C
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
8
UVLO and Thermal Shutdown
If VIN drops below 2.1V, the UVLO circuit inhibits switching. Once VIN rises above 2.2V, the UVLO clears,
and the soft-start sequence activates. Thermal-overload protection limits total power dissipation in the
device. When the junction temperature exceeds TJ= +160°C, a thermal sensor forces thedeviceintoshutdown,
allowing thedieto cool. The thermal sensor turns thedevice on again after the junction temperature cools by
15°C, resulting in a pulsed output during continuous overload conditions. Following a thermal-shutdown
condition, the soft-start sequence begins.
Design Procedure
Setting output voltages
Output voltages are set by external resistors. The FB threshold is 0.6V.
Input Capacitor Selection
The input capacitor in a DC-to-DC converter reduces current peaks drawn from the battery or other input
power source and reduces switching noise in the controller. The impedance of the input capacitor at the
switching frequency should be less than that of the input source so high-frequency switching currents do not
pass through the input source. The output capacitor keeps output ripple small and ensures control-loop
stability. The output capacitor must also have low impedance at the switching frequency. Ceramic, polymer,
and tantalum capacitors are suitable, with ceramic exhibiting the lowest ESR and high-frequency
impedance. Output ripple with a ceramic output capacitor is approximately as follows:
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com