Electronic Components Datasheet Search
  English  ▼

X  

ACE7259C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7259C
Description  500KHz, 18V, 2.5A Synchronous Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7259C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7259C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7259C Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7259C
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
1
Description
The ACE7259C is a fully integrated synchronous rectified step-down converter that provides wide 4.4V
to 18V input voltage range and 2.5A continuous load current capability. The ACE7259C can achieve high
efficiency and reduce power loss at light load. In shutdown mode, the Max supply current is about 10
μA.
The ACE7259C protection function includes cycle- by-cycle current limit, UVLO and thermal shutdown.
Besides, internal soft-start prevents inrush current at fast power-on. This device uses Constant On-Time
(COT) control mode which provides fast load transient response. Internal loop compensation function
reduces the external compensator components and simplifies the design process.
The ACE7259C requires a minimum number of readily available standard external components and is
available in a SOT23-6 packag
e.
Features
Wide Input Voltage Range: 4.4V to 18V
2.5A Output Current
0.6V Reference Voltage
Low RDS(ON) Integrated Power MOSFET (140/70mΩ)
10μA(typ) Shutdown Current
Integrated internal compensation
High Efficiency at Light Load
Internal 2ms Soft-Start
Cycle-by-Cycle Current Limit
Over-Temperature Protection with Auto Recovery
Under Voltage Lockout (UVLO)
Hiccup Short Circuit Protection
Available in a SOT23-6 Package
RoHS Compliant
Application
Distributed Power System
Flat Panel Television and Monitors
STB (Set-Top-Box)
Networking, XDSL Modem


Similar Part No. - ACE7259C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
More results

Similar Description - ACE7259C

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2224 MPS-MP2224 Datasheet
1Mb / 19P
High-Efficiency, 4A, 18V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483B ETA-ETA1483B Datasheet
238Kb / 1P
2.5A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
18V, 3A, 500KHz Synchronous Step-Down
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com