Electronic Components Datasheet Search
  English  ▼

X  

ACE7263C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE7263C
Description  27V 2A 500KHz Synchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7263C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE7263C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7263C Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACE7263C
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
7
Over-current-protection and hiccup
The ACE7263C has a cycle-by-cycle over-current limit for when the inductor current peak value exceeds
the set current-limit threshold. First, when the output voltage drops until FB falls below the
Under-Voltage (UV) threshold (typically 300mV) to trigger a UV event, the ACE7263C enters hiccup mode
to periodically restart the part. This protection mode is especially useful when the output is dead -shorted
to ground. This greatly reduces the average short-circuit current to alleviate thermal issues and to protect
the regulator. The ACE7263C exits hiccup mode once the overcurrent condition is removed.
Light load operation
Traditionally, a fixed constant frequency PWM DC- DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE7263C employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load, thereby extending the
range of high efficiency operation.
Startup and shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block starts
first, generating stable reference voltage and currents, and then the internal regulator is enabled. The
regulator provides stable supply for the remaining circuitries. Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first blocked to avoid any
fault triggering. The COMP voltage and the internal supply rail are then pulled down. The floating driver is
not subject to this shutdown command.
Applications Information
Setting output voltages
The external resistor divider is used to set the output voltage. The feedback resistor R1 also sets the
feedback loop bandwidth with the internal compensation capacitor. R2 is then given by:
Selecting the inductor
Use a 2.2μH-to-6.8μH inductor with a DC current
rating of at least 25% higher than the maximum load current for most applications. For most designs,
derive the inductance value from the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com