Electronic Components Datasheet Search
  English  ▼

X  

ACE7268N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7268N
Description  High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7268N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7268N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7268N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7268N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7268N
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
1
Description
The ACE7268N is a high efficiency 1MHz synchronous step-down DC-DC converter capable of
delivering 3A current. The ACE7268N operates over a wide input voltage range from 4.5V to 18V and
integrates main switch and synchronous switch with very low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external inductor and capacitor sizes are achieved with 1MHz
switching frequency. It adopts the instant PWM architecture to achieve fast transient responses for high
step down applications.
Features
⚫
low RDS(ON) for internal switches (top/bottom): 80mΩ/40mΩ
⚫
4.5-18V input voltage range
⚫
3A output current capability
⚫
1MHz switching frequency
⚫
Instant PWM architecture to achieve fast transient responses.
⚫
Internal soft start limits the inrush current
⚫
±2% 0.6V reference
⚫
TSOT23-6 package
Application
⚫
Set Top Box
⚫
Portable TV
⚫
Access Point Router
⚫
DSL Modem
⚫
LCD TV


Similar Part No. - ACE7268N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7263CIMH ACE-ACE7263CIMH Datasheet
1Mb / 10P
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7268N

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE727Z ACE-ACE727Z Datasheet
578Kb / 9P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com