Electronic Components Datasheet Search
  English  ▼

X  

ACE7330N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7330N
Description  High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7330N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7330N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7330N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7330N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7330N Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE7330N
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
1
Description
The ACE7330N develops a high efficiency synchronous step-down DC/DC converter capable of
delivering 3A load current. The ACE7330N operates over a wide input voltage range from 4.5V to 30V
and integrates main switch and synchronous switch with very low RDS(ON) to minimize the conduction loss.
The ACE7330N adopts peak current control scheme. The switching frequency is adjustable from 500kHz
to 2.5MHz using an external resistor. The device also features ultra-low quiescent operating to achieve
high efficiency under light load. And the internal soft-start limits inrush current during power on.
ACE7330N is available in TSOT23-8 package.
Features
⚫
Low RDS(ON) for Internal Switches (Top/Bottom): 110/70 mΩ
⚫
4.5-30V Input Voltage Range
⚫
Internal Compensation
⚫
Internal 1ms Soft-start Limits the Inrush Current
⚫
Adjustable Switching Frequency Range: 500kHz to 2.5MHz
⚫
3A Output Current Capability
⚫
1.5% 0.6V Reference
⚫
Low Quiescent Current
⚫
Cycle-by-cycle Peak Current Limit
⚫
Short Circuit Protection
⚫
Thermal Shutdown and Auto Recovery
⚫
RoHS Compliant and Halogen Free
⚫
Compact Package: TSOT23-8
Application
⚫
LCD-TV
⚫
SetTop Box
⚫
Notebook
⚫
Storage
⚫
High Power AP Router
⚫
Networking


Similar Part No. - ACE7330N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7331M ACE-ACE7331M Datasheet
407Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
ACE7332M ACE-ACE7332M Datasheet
596Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE7333C ACE-ACE7333C Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
ACE7333CIMH ACE-ACE7333CIMH Datasheet
640Kb / 11P
28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
VER 1.2
ACE7333M ACE-ACE7333M Datasheet
587Kb / 6P
P-Channel 30-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE7330N

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8120 SILERGY-SY8120 Datasheet
1Mb / 10P
High Efficiency Fast Response, 2A, 18V Input Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
30V 3A 500KHz Synchronous Step-Down Regulator
HM1586 HMSEMI-HM1586 Datasheet
1Mb / 7P
30V 3A Synchronous Step-Down Regulator
HM1488B HMSEMI-HM1488B Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
logo
Silergy Corp.
SY8286 SILERGY-SY8286 Datasheet
489Kb / 8P
High Efficiency Fast Response, 6A, 23V Input Synchronous Step Down Regulator
Rev. 0.9E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com