Electronic Components Datasheet Search
  English  ▼

X  

ACE7333C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
7
Functional Descriptions
Loop Operation
The ACE7333C is a wide input range, high-efficiency, DC-to- DC step-down switching regulator, capable
of delivering up to 3A of output current, integrated with a
150/90mΩ synchronous MOSFET pair,
eliminating the need for external diode. It uses a PWM current-mode control scheme. An error amplifier
integrates error between the FB signal and the internal reference voltage. The output of the integrator is
then compared to the sum of a current-sense signal and the slope compensation ramp. This operation
generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation for
output voltage.
Internal Soft-Start
The soft-start is important for many applications because it eliminates power-up initialization problems.
The controlled voltage ramp of the output also reduces peak inrush current during start-up, minimizing
start-up transient events to the input power bus.
Over-Current-Protection and Hiccup
The ACE7333C has a cycle-by-cycle over-current limit for when the inductor current peak value exceeds
the set current-limit threshold. First, when the output voltage drops until FB falls below the Under-Voltage
(UV) threshold (typically 300mV) to trigger a UV event, the ACE7333C enters hiccup mode to periodically
restart. the part. This protection mode is especially useful when the output is dead-shorted to ground. This
greatly reduces the average short-circuit current to alleviate thermal issues and to protect the regulator.
The ACE7333C exits hiccup mode once the overcurrent condition is removed.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC-DC regulator always switches even when the output
load is small. When energy is shuffling back and forth through the power MOSFETs, power is lost due to
the finite RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and
efficiency is therefore very low. ACE7333C employs a proprietary control scheme that improves efficiency
in this situation by enabling the device into a power save mode during light load, thereby extending the
range of high efficiency operation.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block starts
first, generating stable reference voltage and currents, and then the internal regulator is enabled. The
regulator provides stable supply for the remaining circuitries. Three events can shut down the chip: EN
low, VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first blocked to avoid
any fault triggering. The COMP voltage and the internal supply rail are then pulled down. The floating
driver is not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com