Electronic Components Datasheet Search
  English  ▼

X  

ACE7353N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7353N
Description  High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7353N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7353N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7353N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7353N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7353N
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
1
Description
ACE7353N develops a high efficiency synchronous step-down DC-DC converter capable of delivering
3A load current. The ACE7353N operate over a wide input voltage range from 4.5V to 40V and integrate
main switch and synchronous switch with low RDS(ON) to minimize the conduction loss.
The ACE7353N adopts peak current control scheme. The switching frequency is adjustable from 500kHz
to 2.5MHz using an external resistor. The device also features ultra low quiescent operating to achieve
high efficiency under light load. And the internal soft-start limits inrush current during power on.
Features
⚫
Low RDS(ON) for Internal Switches
(Top/Bottom):110
mΩ/70mΩ
⚫
4.5-40V Input Voltage Range
⚫
Internal Compensation
⚫
Internal 1ms Soft-start Limits the Inrush Current
⚫
Adjustable Switching Frequency Range: 500kHz to 2.5MHz
⚫
3A Output Current Capability
⚫
1.5% 0.6V Reference
⚫
Low Quiescent Current
⚫
Cycle-by-cycle Peak Current Limitation
⚫
Short Circuit Protection
⚫
Thermal Shutdown and Auto Recovery
⚫
RoHS Compliant and Halogen Free
⚫
Compact Package: TSOT23-8
Applications
⚫
LCD-TV
⚫
Set Top Box
⚫
Notebook
⚫
Storage
⚫
High Power AP Router
⚫
Networking


Similar Part No. - ACE7353N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7352N ACE-ACE7352N Datasheet
192Kb / 3P
40V Input Standoff Voltage, 2A Step-Down Converter
VER 1.1
ACE7355YFL+H ACE-ACE7355YFL+H Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE7356N ACE-ACE7356N Datasheet
190Kb / 3P
High Efficiency, 85V Input0.6A Asynchronous Step Down Regulator
VER 1.1
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
More results

Similar Description - ACE7353N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
40V, 3A Synchronous Step-Down
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7377N ACE-ACE7377N Datasheet
194Kb / 3P
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com