Electronic Components Datasheet Search
  English  ▼

X  

ACE7360X Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7360X
Description  Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7360X Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7360X Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7360X Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7360X Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7360X
Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
1
Description
The ACE7360X is a high-efficiency step-down controller. It is designed to operate in continuous current
mode (CCM) to power LEDs of high-brightness with a wide input voltage range of 6V to 60V.
The ACE7360X employs a hysteretic control architecture that accurately regulates LED current with a
feedback coming from an external high-side current-sense resistor. This control scheme optimizes circuit
stabilization and fast response time without loop compensation. Its low 200mV average feedback voltage
reduces power
loss and improves the converter’s efficiency. The ACE7360X implements PWM and
analog dimming together through the EN/DIM pin.
The ACE7360X includes thermal overload protection in case of output overload.
The ACE7360X is available in SOT23-6 package.
Features
⚫
Wide 6V to 60V Input Range
⚫
Able to Drive >1A LED Load
⚫
Hysteresis Control
⚫
High Efficiency (>95%)
⚫
2500:1 PWM Dimming Ratio
⚫
Open LED Protection
⚫
Short LED Protection
⚫
Thermal Shutdown
⚫
RoHS and Halogen free compliance.
Application
⚫
Low Voltage Halogen Replacement
⚫
Low Voltage General Illumination
⚫
Automotive/Decorative LED Lighting
⚫
Signs/Emergency Lighting
⚫
LED Backlighting


Similar Part No. - ACE7360X

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
ACE736E ACE-ACE736E Datasheet
644Kb / 9P
42V Input Standoff Voltage, 0.4A Step-Down Converter
VER 1.1
More results

Similar Description - ACE7360X

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
Step Down White LED Driver with Wide 6V??5V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24894 MPS-MP24894 Datasheet
242Kb / 12P
Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Monolithic Power System...
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
Wide input voltage step-down constant voltage constant current DC-DC controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com